Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEDT-9040 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HEDT-9040
Description  High Temperature 140-C Three Channel Optical Incremental Encoder Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDT-9040 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDT-9040 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDT-9040 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC
DISCHARGE.
High Temperature 140
Three Channel Optical
Incremental Encoder Modules
Technical Data
HEDT-9040
HEDT-9140
Features
• -40
°C to 140°C Operating
Temperature
• Two Channel Quadrature
Output with Index Pulse
• Suitable for Automotive
Applications
• Resolution up to 1024
Counts per Revolution
• Low Cost
• Easy to Mount
• No Signal Adjustment
Required
• Small Size
Description
The HEDT-9040 and HEDT-9140
are high temperature three
channel optical incremental
encoder modules. When used with
a codewheel, these low cost
modules detect rotary position.
Each module consists of a lensed
LED source and a detector IC
enclosed in a small plastic
package. Due to a highly
collimated light source and a
unique photodetector array, these
modules provide the same high
performance found in the HEDS-
9040/9140 three channel
encoders.
Package Dimensions
°C
26.67 (1.05)
15.2
(0.60)
CL
17.27
(0.680)
20.96
(0.825)
1.85 (0.073)
8.64 (0.340)
REF.
ALIGNING RECESS
2.44/2.41 DIA.
(0.096/0.095)
2.16 (0.085)
DEEP
1.02 ± 0.10
(0.040 ± 0.004)
5.1 (0.20)
OPTION CODE
0.63 (0.025)
SQR. TYP.
2.54 (0.100) TYP.
DATE CODE
1.0 (0.04)
3.73 ± 0.05
(0.147 ± 0.002)
2.67 (0.105) DIA.
MOUNTING THRU
HOLE 2 PLACES
2.44/2.41 X 2.79
(0.096/0.095 X 0.110)
2.16 (0.085) DEEP
OPTICAL CENTER
1.52 (0.060)
20.8
(0.82)
11.7
(0.46)
8.6 (0.34)
1.78 ± 0.10
(0.070 ± 0.004)
2.92 ± 0.10
(0.115 ± 0.004)
10.16
(0.400)
5.46 ± 0.10
(0.215 ± 0.004)
OPTICAL
CENTER LINE
2.54
(0.100)
2.21
(0.087)
5.8
(0.23)
6.35 (0.250) REF.
4.11 (0.162)
OPTICAL
CENTER
45°
8.81
(0.347)
11.9
(0.47)
4.75 ± 0.01
(0.187 ± 0.004)
2.9
(0.11)
1.8
(0.07)
6.9 (0.27)
SIDE A
SIDE B
TYPICAL DIMENSIONS IN
MILLIMETERS AND (INCHES)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn