Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX02066 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX02066
Description  3 GBPS INTERMEDIATE REACH LASER DRIVER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX02066 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX02066 Datasheet HTML 1Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• 3 Gbps at 85 mA
• Mean laser power control
• DC-coupled operation
• Differential PECL inputs
• Temperature compensation of modulation current
• Laser fault fail indicators
• Bias/modulation current monitor output
• 24-pin BCC++ package
network
access
products
3 Gbps lntermediate
Reach Laser Driver
CX02066
The CX02066 is a low-cost 3 Gbps laser driver designed for
short-reach SONET applications. The modulator is capable
of driving modulation currents up to 85 mA. The modulation
current is adjustable by an external resistor. The IC has an
internal temperature compensation circuit for compensating
the temperature characteristic of laser diode slope
efficiency adjusted with an external resistor. External bias
and modulation monitors are provided, as well as safety
alarm functions.
Distinguishing Features
CEN
ENA
DIS
GND
BIAS
MON
MOD
MON
FAIL
GND
OCA
GND
GND
VCC
CLK
CLK
VCC
GND
DIN
DIN
Vcc
VCC
Vcc
IBIAS
O/P
GND
O/P
Vcc
DOUT
DOUT
O/P
Vcc
O/P
GND
O/P
GND
GND
IPD
VCC
OCA
SET
MOD
SET
GND
MPC
SET
TC
SET
GND
TC
ADJ
GND
CMPC
Vcc


Similar Part No. - CX02066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

Similar Description - CX02066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Texas Instruments
LMH0384 TI1-LMH0384 Datasheet
1Mb / 29P
[Old version datasheet]   3-Gbps HD - SD SDI Extended Reach
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
   2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
logo
M/A-COM Technology Solu...
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Analog Devices
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com