Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12-010 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CR12-010
Description  Rectifiers, General Purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CR12-010 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CR12-010 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rectifiers, General Purpose
(Continued)
152
www.centralsemi.com
IO (AMPS)
12
16
20
40
@TC (oC)
150
150
150
150
IFSM (AMPS)
300
325
350
800
CASE
DO-4*
DO-5*
VRRM (VOLTS)
100
CR12-010
CR16-010
CR20-010
CR40-010
200
CR12-020
CR16-020
CR20-020
CR40-020
400
CR12-040
CR16-040
CR20-040
CR40-040
600
CR12-060
CR16-060
CR20-060
CR40-060
800
CR12-080
CR16-080
CR20-080
CR40-080
1000
CR12-100
CR16-100
CR20-100
CR40-100
1200
CR12-120
CR16-120
CR20-120
CR40-120
VF MAX @ IF =IO
1.1V
1.1V
1.1V
1.1V
IR MAX @ VRRM
10
µA10µA10µA
100
µA
* Standard polarity is cathode to case. For reverse polarity add “R” suffix to part number.


Similar Part No. - CR12-010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR12 ETC1-CR12 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
RFE international
CR12 RFE-CR12 Datasheet
63Kb / 1P
   FILM RESISTORS CR Series: Carbon Film
CR12 RFE-CR12 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
List of Unclassifed Man...
CR12010T0050JTR ETC2-CR12010T0050JTR Datasheet
59Kb / 1P
   ATC HIGH POWER RESISTIVE PRODUCTS
CR12010T0100JTR ETC2-CR12010T0100JTR Datasheet
59Kb / 1P
   ATC HIGH POWER RESISTIVE PRODUCTS
More results

Similar Description - CR12-010

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com