Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F004AZB80BDCDL Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS28F004AZB80BDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AZB80BDCDL Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS28F004AZB80BDCDL Datasheet HTML 34Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 35Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 36Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 37Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 38Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 39Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 40Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 41Page - Texas Instruments TMS28F004AZB80BDCDL Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
38
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics for TMS28F004AEy and TMS28F400AEy over recommended ranges of
supply voltage (commercial and extended temperature ranges)
read operations
ALT
’28F004AEy 60
’28F400AEy 60
’28F004AEy 70
’28F400AEy 70
PARAMETER
ALT.
SYMBOL
3-V VCC
RANGE
5-V VCC
RANGE
3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from A0 – A17
(see Note 15)
tAVQV
110
60
130
70
ns
ta(E)
Access time from E
tELQV
110
60
130
70
ns
ta(G)
Access time from G
tGLQV
65
35
80
40
ns
tc(R)
Cycle time, read
tAVAV
110
60
130
70
ns
td(E)
Delay time, E low to low-impedance
output
tELQX
0
0
0
0
ns
td(G)
Delay time, G low to low-impedance
output
tGLQX
0
0
0
0
ns
tdis(E)
Disable time, E to high-impedance
output
tEHQZ
55
25
70
30
ns
tdis(G)
Disable time, G to high-impedance
output
tGHQZ
45
25
55
30
ns
th(D)
Hold time, DQ valid from A0 – A17, E,
or G, whichever occurs first
(see Note 15)
tAXQX
0
0
0
0
ns
tsu(EB)
Setup time, BYTE from E low
tELFL
tELFH
5
5
5
5
ns
td(RP)
Output delay time from RP high
tPHQV
800
450
800
450
ns
tdis(BL)
Disable time, BYTE low to
DQ8 – DQ15 in the high-impedance
state
tFLQZ
45
25
55
30
ns
ta(BH)
Access time from BYTE going high
tFHQV
110
60
130
70
ns
NOTE 15: A–1 – A17 for byte-wide


Similar Part No. - TMS28F004AZB80BDCDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AZB TI1-TMS28F004AZB Datasheet
1Mb / 80P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F004AZB80BDCDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com