Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI-CN-3 Datasheet(PDF) 2 Page - CUI INC

Part # SMI-CN-3
Description  CHINA BLADE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI-CN-3 Datasheet(HTML) 2 Page - CUI INC

  SMI-CN-3_V01 Datasheet HTML 1Page - CUI INC SMI-CN-3_V01 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
date 06/20/2019
│ page 2 of 2
CUI Inc
│ MODEL: SMI-CN-3 │ DESCRIPTION: CHINA BLADE
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
03/09/2016
1.01
added SMI6B blade compatibility
06/20/2019
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page


Similar Part No. - SMI-CN-3_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-CN-3L CUI-SMI-CN-3L Datasheet
306Kb / 2P
   CHINA BLADE
SMI-CN-3L-W CUI-SMI-CN-3L-W Datasheet
245Kb / 2P
   CHINA BLADE
12/15/2020
More results

Similar Description - SMI-CN-3_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI-CN-3L CUI-SMI-CN-3L Datasheet
306Kb / 2P
   CHINA BLADE
SMI-CN-3L-W CUI-SMI-CN-3L-W Datasheet
245Kb / 2P
   CHINA BLADE
12/15/2020
SMI-CN-5 CUI-SMI-CN-5 Datasheet
330Kb / 2P
   CHINA BLADE
SMI-CN-1 CUI-SMI-CN-1 Datasheet
236Kb / 2P
   CHINA BLADE
SMI-CN-3 CUI-SMI-CN-3 Datasheet
578Kb / 2P
   CHINA BLADE
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
   China interchangeable blade
logo
Phihong USA Inc.
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3 Datasheet
89Kb / 2P
   2.75W Compact Fixed Blade USB Power Adapter (China)
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
   China RoHS Fully Compliant
logo
List of Unclassifed Man...
FDCC1602P ETC-FDCC1602P Datasheet
45Kb / 1P
   LCD SUPPLIER FROM CHINA
FDCC1601F ETC-FDCC1601F Datasheet
43Kb / 1P
   LCD SUPPLIER FROM CHINA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com