Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11835 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11835
Description  Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11835 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11835_V01 Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Efficient, High-Voltage, TacTouch™, Haptic
Actuator Controller with I2C Interface
MAX11835
EVALUATION KIT AVAILABLE
19-5291; Rev 2; 4/15
Functional Diagram appears at end of data sheet.
General Description
The MAX11835 haptic (tactile) actuator controller pro-
vides a complete solution to drive haptic actuators to
add haptic feedback to products featuring user-touch
interfaces. The MAX11835 drives actuators including
single-layer, multilayer piezo, or electroactive polymer
actuators. The device efficiently generates any type of
user-programmable waveform including sine waves,
trapezoidals, squares, and pulses to drive the piezo
loads to create custom haptic sensations. The low-power
device directly interfaces with an application processor
or host controller through an I2C interface and integrates
various blocks including a boost regulator, pattern stor-
age memory, and waveform generator block in one
package, thus providing a complete haptic feedback
controller solution.
The MAX11835 contains a boost regulator that uses
an external flyback to efficiently generate high-voltage
waveforms up to 250V to drive haptic actuators while
limiting current drain. The boost regulator features an
internal n-channel MOSFET with current limit to control
the drain from the battery or power supply.
The MAX11835 features user-programmable haptic feed-
back pattern storage memory that drives the waveform
generator with piecewise linear data using 8-bit resolu-
tion. The device also offers a single trigger interface to
allow the implementation of fast haptics directly from the
touch controller. This allows use of multiple controllers in
parallel to provide haptic sensations for larger displays.
The device provides smart low-power and standby
modes to reduce power consumption before, during,
and after waveform generation. The MAX11835 enters
low-power mode after a haptic event to automatically
save power.
The MAX11835 offers a fast 400kHz I2C serial interface
to allow programming of various modes of operation,
status checking, and haptic waveforms. The operat-
ing supply range is 1.7V to 3.6V for the digital supply
(DVDD) and 2.7V to 5.25V for the boost supply (BVDD)
and analog supply (AVDD).
Applications
Mobile Communication Devices
PDA, GPS, and Media Players
Notebooks, Netbooks, and e-Readers
Handheld Gaming Consoles
Keypads and Keyboards
Features
S Supports Multiple High- or Low-Voltage Haptic
Actuators
Single-Layer Piezo Actuators
Multilayer Piezo Actuators
Electroactive Polymers
S Create Custom User-Programmable Waveforms
with Up to 8-Bit Resolution
S On-Chip, Multiple Haptic Waveform Storage Up to
192 Bytes
S Analog Input Through AIN
Provides Boost Tracking Up to 300Hz Signal
Provides Up/Down Scaling for Small/Large
Amplitude Signals
S TRIG to Optionally Start a Preprogrammed Haptic
Waveform—Up to 16 Stored Waveforms
S On-Chip DC Boost Regulator
On-Chip 30V High-Voltage Boost Switch with
Programmable Maximum Peak Current
Flyback Converter Generates High-Voltage
Supply
Efficient Design to Minimize Drain on Battery
Applications
S DIS Input to Disable or Enter Lower Power Boost
Operation During High-Current Events
S 1.7V to 3.6V Digital Supply
S Boost/Flyback (BVDD) and Analog Power Supply
(AVDD) 2.7V to 5.25V
S Programmable Low-Power Modes
1µA Deep-Sleep Shutdown Current
S Thermal Shutdown
S Available in 400kHz I2C
S ESD Protection: ±2kV HBM, ±1kV CDM, ±200V MM
Ordering Information
TacTouch is a trademark of Maxim Integrated Products, Inc.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
MAX11835EWA+
-40NC to +85NC
25 WLP
(2.1mm x 2.1mm)
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
ABRIDGED


Similar Part No. - MAX11835_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11835EWA++ MAXIM-MAX11835EWA+ Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
More results

Similar Description - MAX11835_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
logo
Texas Instruments
TSC2011 TI1-TSC2011 Datasheet
268Kb / 8P
[Old version datasheet]   Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C??Serial Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Vishay Siliconix
IHPT-1411AF-ABA VISHAY-IHPT-1411AF-ABA Datasheet
404Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Texas Instruments
LM48580 TI1-LM48580_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Efficiency Class H, High Voltage, Haptic Piezo Actuator
logo
Vishay Siliconix
IHPT-1411AF-AB0 VISHAY-IHPT-1411AF-AB0 Datasheet
108Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Monolithic Power System...
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
   5A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
   5A High Efficient Synchronous Step-Down Switchers with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com