Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS210H Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS210H
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS210H Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS210H Datasheet HTML 1Page - Vectron International, Inc TFS210H Datasheet HTML 2Page - Vectron International, Inc TFS210H Datasheet HTML 3Page - Vectron International, Inc TFS210H Datasheet HTML 4Page - Vectron International, Inc TFS210H Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TFS 210H.doc
version 1.1
07.01.2004
VI TELEFILTER
Filter Specification
TFS 210H
1/5
TELEFILTER GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Measurement condition
Ambient temperature TA:
23
°C
Input power level:
0 dBm
Terminating impedances at fc *):
input:
1,17k
|| -7,3 pF
output:
1,06k
|| -6,8 pF
Characteristics
Remark: Reference level for the relative attenuation arel of the TFS 210H is the minimum of the pass band attenuation amin. The minimum of
the pass band attenuation amin is defined as the insertion loss ae The centre frequency fc is the arithmetic mean value of the upper and lower
frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid for both the
reference frequency fc and the frequency response of the filter in the operating temperature range.
Data
typ. value
tolerance / limit
Insertion Loss
ae
8,5
dB
max.
11
dB**
(Reference level)
Centre Frequency at ambient temperature
fc
-
210,816 MHz
50
kHz
Pass Band
PB
-
fc
0,8
MHz
Relative Attenuation
arel
fc
.........
fc ± 475
kHz
1,5
dB
max.
3
dB
fc ± 475
kHz
.........fc ± 815
kHz
7
dB
max.
10
dB
fc ±
1,175 MHz .........fc ±
1,3
MHz
24
dB
min.
20
dB
fc ±
1,3
MHz .........fc ±
1,475 MHz
38
dB
min.
30
dB
fc ±
1,475 MHz .........fc ±
2,0
MHz
43
dB
min.
40
dB
fc -
2,0
MHz .........fc -
5,0
MHz
48
dB
min.
45
dB
fc +
2,0
MHz .........fc +
5,0
MHz
45
dB
min.
42
dB
fc ±
5,0
MHz .........fc ± 10,0
MHz
52
dB
min.
40
dB
Group Delay Ripple in PB
225
dB
max. 300
ns
Average Group Delay in PB
0,9
µs
max.
1,3
µs
Operating Temperature Range
-
- 10
°C ... + 55
°C
Storage Temperature Range
-
- 40
°C ... + 85
°C
Turnover temperature To
15
°C
-
Temperature Coefficient of frequency TCf***
- 0,036 ppm / K2
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team.
**) q-values of matching inductors: q=40
***)
f(Hz) = TCf(ppm/K²) x (T-T0)² x fTo(MHz)
generated:
checked / approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS210H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS210C VECTRON-TFS210C Datasheet
33Kb / 2P
   Application Note
TFS210C VECTRON-TFS210C Datasheet
127Kb / 5P
   Filter Specification
TFS210C VECTRON-TFS210C_08 Datasheet
33Kb / 2P
   Application Note
TFS210D VECTRON-TFS210D Datasheet
52Kb / 4P
   Filter Specification
More results

Similar Description - TFS210H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com