Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNC702PS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LNC702PS
Description  GaAlAs Semiconductor Laser
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNC702PS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LNC702PS Datasheet HTML 1Page - Panasonic Semiconductor LNC702PS Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Semiconductor Laser
LNC702PS
PO — IOP
6
5
4
3
2
1
0
Operating current
I
OP (mA)
060
20
40
I — V
200
100
0
–100
–200
Voltage
V (V)
–4
–2
0
2
4
Ta = 25˚C
Far field pattern
100
80
60
40
20
0
Angle
θ (deg.)
40
20
0
20
40
IP — Ta
900
500
–10
10
30
50
70
Ambient temperature
Ta (˚C )
700
800
600
VR (PIN) = 5V
PO = 5mW
Ith — Ta
10 2
10
Ambient temperature
Ta (˚C )
– 10
10
50
30
70
1
IOP — Ta
10 3
10 2
Ambient temperature
Ta (˚C )
10
– 10
10
50
30
70
PO = 5mW
– 10
10
30
50
70
PO — Ta
10
8
6
4
2
0
Ambient temperature
Ta (˚C )
Id — Ta
10 2
10
1
10 –1
10 –2
Ambient temperature
Ta (˚C )
10
30
70
50
10 –3
– 10
VR (PIN) = 15V
θ
//
θ


Similar Part No. - LNC702PS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNC701PS PANASONIC-LNC701PS Datasheet
41Kb / 2P
   GaAlAs Semiconductor Laser
LNC703PS PANASONIC-LNC703PS Datasheet
41Kb / 2P
   Semiconductor Laser for LBPLaser Beam Printers
LNC704PS PANASONIC-LNC704PS Datasheet
29Kb / 2P
   GaAlAs Semiconductor Laser
LNC705PS PANASONIC-LNC705PS Datasheet
40Kb / 2P
   GaAlAs Semiconductor Laser
LNC707PS PANASONIC-LNC707PS Datasheet
41Kb / 2P
   High Power Output Semiconductor Laser
More results

Similar Description - LNC702PS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNC705PS PANASONIC-LNC705PS Datasheet
40Kb / 2P
   GaAlAs Semiconductor Laser
LNC701PS PANASONIC-LNC701PS Datasheet
41Kb / 2P
   GaAlAs Semiconductor Laser
LNC802PS PANASONIC-LNC802PS Datasheet
40Kb / 2P
   GaAlAs Semiconductor Laser
LNC704PS PANASONIC-LNC704PS Datasheet
29Kb / 2P
   GaAlAs Semiconductor Laser
logo
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
   GaAlAs Laser Diode
logo
Opnext. Inc.
HL8343MG OPNEXT-HL8343MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8341MG OPNEXT-HL8341MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
HL8342MG OPNEXT-HL8342MG Datasheet
93Kb / 4P
   GaAlAs Laser Diode
logo
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
logo
Hitachi Semiconductor
HL7851G HITACHI-HL7851G Datasheet
21Kb / 4P
   GaAlAs Laser Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com