Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F004AMB60CDCDL Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS28F004AMB60CDCDL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AMB60CDCDL Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS28F004AMB60CDCDL Datasheet HTML 7Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 8Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 9Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 10Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 11Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 12Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 13Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 14Page - Texas Instruments TMS28F004AMB60CDCDL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
status register (continued)
Table 5. Status-Register Bit Definitions and Functions
STATUS
FUNCTION
DATA
COMMENTS
BIT
FUNCTION
DATA
COMMENTS
SB7
Write state machine status
1 = Ready
If SB7 = 0 (busy), the WSM has not completed an erase or
programming operation. If SB7 = 1 (ready), other polling
operations can be performed. Until this occurs, the other status
bits are not valid If the WSM status bit shows busy (0) the user
SB7
Write-state-machine status
y
0 = Busy
bits are not valid. If the WSM status bit shows busy (0), the user
must toggle E or G periodically to determine when the WSM has
completed an operation (SB7 = 1) since SB7 is not updated
automatically at the completion of a WSM task.
SB6
Erase-suspend status (ESS)
1 = Erase suspended
0 = Erase in progress or
completed
When an erase-suspend command is issued, the WSM halts
execution and sets the ESS bit high (SB6 = 1) indicating that the
erase operation has been suspended. The WSM status bit also
is set high (SB7 = 1) indicating that the erase-suspend operation
has been completed successfully. The ESS bit remains at a
logic-high level until an erase-resume command is input to the
CSM (code D0h ).
SB5
Erase status (ES)
1 = Block erase error
0 = Block erase good
SB5 = 0 indicates that a successful block erasure has occurred.
SB5 = 1 indicates that an erase error has occurred. In this case,
the WSM has completed the maximum allowed erase pulses
determined by the internal algorithm, but this was insufficient to
erase the device completely.
SB4
Program status (PS)
1 = Byte/word program error
0 = Byte/word program good
SB4 = 0 indicates successful programming has occurred at the
addressed block location. SB4 = 1 indicates that the WSM was
unable to program the addressed block location correctly.
SB3
VPP status (VPPS)
1 = Program abort:
VPP range error
0= VPP good
SB3 provides information on the status of VPP during
programming. If VPP is lower than VPPL after a program or erase
command has been issued, SB3 is set to a 1 indicating that the
programming operation is aborted. If VPP is between VPPH and
VPPL, SB3 is not set.
SB2 –
SB0
Reserved
These bits must be masked out when reading the status register.
byte-wide or word-wide mode selection
The memory array is divided into two parts: an upper-half that outputs data through I/O pins DQ8 – DQ15, and
a lower-half that outputs data through DQ0 – DQ7. Device operation in either byte-wide or word-wide mode is
user-selectable and is determined by the logic state of BYTE. When BYTE is at a logic-high level, the device
is in the word-wide mode and data is written to, or read from, I/O pins DQ0 – DQ15. When BYTE is at a logic-low
level, the device is in the byte-wide mode and data is written to or read from I/O pins DQ0 – DQ7. In the byte-wide
mode, I/O pins DQ8 – DQ14 are placed in the high-impedance state and DQ15/A –1 becomes the low-order
address pin and selects either the upper or lower half of the array. Array data from the upper half (DQ8 – DQ15 )
and the lower half (DQ0 – DQ7 ) are multiplexed to appear on DQ0 – DQ7. Table 6, Table 7, and Table 8
summarize operational modes.


Similar Part No. - TMS28F004AMB60CDCDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AMB TI1-TMS28F004AMB Datasheet
1Mb / 80P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F004AMB60CDCDL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com