Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS28F004AZB90BDBJL Datasheet(PDF) 66 Page - Texas Instruments

Part # TMS28F004AZB90BDBJL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AZB90BDBJL Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS28F004AZB90BDBJL Datasheet HTML 62Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 63Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 64Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 65Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 66Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 67Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 68Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 69Page - Texas Instruments TMS28F004AZB90BDBJL Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
66
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics for TMS28F400AZy over recommended ranges of supply voltage
(automotive temperature range) (continued)
read operations
ALT
’28F004AZy 70
’28F400AZy 70
’28F004AZy80
’28F400AZy80
’28F004AZy90
’28F400AZy90
PARAMETER
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
td(RP)
Output delay time from RP high
tPHQV
300
300
300
ns
tdis(BL)
Disable time, BYTE low to DQ8 – DQ15 in
high-impedance state
tFLQZ
30
30
35
ns
ta(BH)
Access time from BYTE going high
tFHQV
70
80
90
ns
timing requirements for TMS28F004AZy and TMS28F400AZy (commercial and extended
temperature ranges)
write/erase operations — W-controlled writes
ALT
’28F004AZy 60
’28F400AZy 60
’28F004AZy70
’28F400AZy70
’28F004AZy80
’28F400AZy80
ALT.
SYMBOL
5-V VCC
RANGE
5-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tc( W )
Cycle time, write
tAVAV
60
70
80
ns
tc( W )OP
Cycle time, duration of programming
operation
tWHQV1
6
6
6
µs
tc( W )ERB
Cycle time, erase operation (boot block)
tWHQV2
0.3
0.3
0.3
s
tc( W )ERP
Cycle time, erase operation (parameter
block)
tWHQV3
0.3
0.3
0.3
s
tc( W )ERM
Cycle time, erase operation (main block)
tWHQV4
0.6
0.6
0.6
s
td(RPR)
Delay time, boot-block relock
tPHBR
100
100
100
ns
th(A)
Hold time, A0 – A17 (see Note 15)
tWHAX
0
0
0
ns
th(D)
Hold time, DQ valid
tWHDX
0
0
0
ns
th(E)
Hold time, E
tWHEH
0
0
0
ns
th( VPP)
Hold time, VPP from valid status-register bit
tQVVL
0
0
0
ns
th(RP)
Hold time, RP at VHH from valid
status-register bit
tQVPH
0
0
0
ns
tsu(A)
Setup time, A0 – A17 (see Note 15)
tAVWH
50
50
50
ns
tsu(D)
Setup time, DQ
tDVWH
50
50
50
ns
tsu(E)
Setup time, E before write operation
tELWL
0
0
0
ns
tsu(RP)
Setup time, RP at VHH to W going high
tPHHWH
100
100
100
ns
tsu( VPP)1
Setup time, VPP to W going high
tVPWH
100
100
100
ns
tw( W )
Pulse duration, W low
tWLWH
50
50
50
ns
tw( WH)
Pulse duration, W high
tWHWL
10
20
30
ns
trec(RPHW)
Recovery time, RP high to W going low
tPHWL
450
450
450
ns
NOTE 15: A–1 – A17 for byte-wide


Similar Part No. - TMS28F004AZB90BDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AZB TI1-TMS28F004AZB Datasheet
1Mb / 80P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F004AZB90BDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com