Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M64285K Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M64285K
Description  CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64285K Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M64285K Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64285K Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MITSUBISHI
02 / 05 / 01
Ver. 1.1E_01
MITSUBISHI CMOS Image Sensor
M64285K
PRELIMINARY
Technical Data Sheet
( 3 / 26 )
Specifications and information herein are subject to change without notice.
5. Structure and Block Diagram of the Device
Effective pixels 32 x 32
Total pixels
33 x 33
Image area
1.79 mm x 1.79 mm (1/6 inch, optical system)
Pixel size
56 µm x 56 µm
Optical black
Horizontal direction (H):1 pixel behind
Vertical direction (V):1 pixel before
Pixel Origin
Optical Black
Pixels
3
4
5
6
7
18
17
16
15
14
V
H
2
1
8
9
10
19
20
13
12
11
Pixel Array
32 x 32
Register
Sequencer
Scan Direction
Analog
Processing
Noise
Elimination
AMP
6. Absolute Maximum Ratings
Symbols
Items
Ratings
Units
DVDD
Digital Power supply
6
V
AVDD1
Pixel & Analog Power supply
6
V
AVDD2
AMP Power supply
6
V
Digital input voltage *
-0.3 ~ VDD
V
Topt
Operating ambient temperature
-10 ~ +60
°C
Tstg
Storage temperature
-20 ~ +80
°C
VI
* Digital input terminals : START, SIN, SCLK, RESET, LOAD, and CLK


Similar Part No. - M64285K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285FP MITSUBISHI-M64285FP Datasheet
322Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
More results

Similar Description - M64285K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64285FP MITSUBISHI-M64285FP Datasheet
322Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, Toys, PC interface systems)
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
   Ideal for dashcams, security cameras, and surveillance systems
logo
Analog Devices
HMC-ALH444 AD-HMC-ALH444 Datasheet
279Kb / 6P
   Surveillance Systems
logo
Hynix Semiconductor
H1A424M167 HYNIX-H1A424M167 Datasheet
374Kb / 47P
   Image Signal Processor for Hyundai CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com