Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ0565RT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FSCQ0565RT
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0565RT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSCQ0565RT Datasheet HTML 1Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 2Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 3Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 4Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 5Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 6Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 7Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 8Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Typical Circuit
Figure 1. Typical Flyback Application
Table 1. Maximum Output Power
Notes:
1.
Maximum practical continuous power in an open frame design at 50
°C ambient.
2.
230 VAC or 100/115 VAC with doubler.
3.
The junction
temperature can limit the maximum output power.
Output Power Table3
Product
230 VAC
±15%2
85–265 VAC
Open Frame1
Open Frame1
FSCQ0565RT
70W
60W
FSCQ0765RT
100W
85W
FSCQ0965RT
130W
110W
FSCQ1265RT
170W
140W
FSCQ1465RT
190W
160W
FSCQ1565RT
210W
170W
FSCQ1565RP
250W
210W
VCC
GND
Drain
Sync
VO
PWM
VFB
AC
IN
FSCQ-Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn