Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCQ0565RT Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSCQ0565RT
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCQ0565RT Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSCQ0565RT Datasheet HTML 1Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 2Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 3Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 4Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 5Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 6Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 7Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 8Page - Fairchild Semiconductor FSCQ0565RT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
www.fairchildsemi.com
FSCQ-Series Rev. 1.1.2
Absolute Maximum Ratings
(TA = 25°C, unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain Pin Voltage
VDS
650
V
Supply Voltage
VCC
20
V
Analog Input Voltage Range
Vsync
-0.3 to 13V
V
VFB
-0.3 to VCC
V
Drain Current Pulsed4
IDM
FSCQ0565RT
11.2
A
FSCQ0765RT
15.2
FSCQ0965RT
16.4
FSCQ1265RT
21.2
FSCQ1465RT
22
FSCQ1565RT
26.4
FSCQ1565RP
33.2
Continuous Drain Current (Tc = 25
°C)
(Tc: Case Back Surface Temperature)
ID
FSCQ0565RT
2.8
A(rms)
FSCQ0765RT
3.8
FSCQ0965RT
4.1
FSCQ1265RT
5.3
FSCQ1465RT
5.5
FSCQ1565RT
6.6
FSCQ1565RP
8.3
Continuous Drain Current* (TDL = 25°C)
(TDL:Drain Lead Temperature)
ID*
FSCQ0565RT
5
A(rms)
FSCQ0765RT
7
FSCQ0965RT
7.6
FSCQ1265RT
11
FSCQ1465RT
12
FSCQ1565RT
13.3
FSCQ1565RP
15
Continuous Drain Current (TC = 100°C)
ID
FSCQ0565RT
1.7
A(rms)
FSCQ0765RT
2.4
FSCQ0965RT
2.6
FSCQ1265RT
3.4
FSCQ1465RT
3.5
FSCQ1565RT
4.4
FSCQ1565RP
5.5
Single-Pulsed Avalanche Energy5
EAS
FSCQ0565RT
400
mJ
FSCQ0765RT
570
FSCQ0965RT
630
FSCQ1265RT
950
FSCQ1465RT
1000
FSCQ1565RT
1050
FSCQ1565RP
1050


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn