Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS125A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS125A
Description  Filter Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS125A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS125A Datasheet HTML 1Page - Vectron International, Inc TFS125A Datasheet HTML 2Page - Vectron International, Inc TFS125A Datasheet HTML 3Page - Vectron International, Inc TFS125A Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
tfs125a.doc
Version 1.3
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 125 A - Page 1 / 4
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances: 50
Construction, pin connection and
recommended land dimensions
See page 2
Stability Characteristics and Packing
See page 3
Air Reflow Temperature Conditions
See page 4
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 125 A is the maximum attenuation in the passband. The maximum attenuation in the
pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 125 MHz without tolerance or limit. The values of relative
attenuation arel are guaranteed in the whole operating temperature range. The frequency shift of the filter in the operating temperature range is
included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
______________________________________________________________________________________________________
Insertion loss
ae
-
1,5 ... 3,5
dB
(Reference level)
______________________________________________________________________________________________________
Nominal frequency
fN
-
125
MHz
______________________________________________________________________________________________________
1 dB bandwidth
BW
-
min 300
kHz
______________________________________________________________________________________________________
Relative attenuation
arel
fN
- 150 kHz ... fN
+ 150 kHz
-
max. 1
dB
1 MHz... fN
- 28 MHz
-
min. 12
dB
fN
-
28 MHz ... fN
- 14 MHz
-
min. 5
dB
fN
+
14 MHz... fN
+ 28 MHz
-
min. 15
dB
fN
+
28 MHz... fN
+ 325 MHz
-
min. 38
dB
______________________________________________________________________________________________________
VSWR
fN
- 150 kHz ... fN
+ 150 kHz
-
max 2 : 1
______________________________________________________________________________________________________
Absolute group delay
GD
fN
-
max. 300
ns
______________________________________________________________________________________________________
Group delay ripple
GDD
**)
fN
- 150 kHz ... fN
+150 kHz
-
max 30
ns
______________________________________________________________________________________________________
Intermodulation
***)
IP3
54
dB
min. 45
dB
______________________________________________________________________________________________________
Input power level
max. 10
dBm
______________________________________________________________________________________________________
Temperature coefficient of frequency
TCf *)
- 71.6
ppm/K
-
______________________________________________________________________________________________________
Operating temperature range
- 10 °C ... + 85 °C
______________________________________________________________________________________________________
*)
∆f(Hz) = TCf(ppm/K) x (∆T) x fTo(MHz)
**) measured with smoothing; smoothing aperture
≤ 50 kHz
***) modulation signals: fN and fN + 14 MHz, each of 10 dBm; measured signal:
fN - 14 MHz
generated:
checked / approved:


Similar Part No. - TFS125A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1255 VECTRON-TFS1255 Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS125B VECTRON-TFS125B Datasheet
51Kb / 5P
   Filter Specification
TFS125C VECTRON-TFS125C Datasheet
55Kb / 5P
   Filter Specification
TFS125C VECTRON-TFS125C Datasheet
234Kb / 5P
   Filter specification
More results

Similar Description - TFS125A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com