Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS28F004AZB60BDBJL Datasheet(PDF) 16 Page - Texas Instruments

Part No. TMS28F004AZB60BDBJL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TMS28F004AZB60BDBJL Datasheet(HTML) 16 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
16
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
reset / deep power-down mode (continued)
If RP goes low during a program or erase operation, the device powers down and, therefore, becomes
nonfunctional. Data being written or erased at that time becomes invalid or indeterminate, requiring that the
operation be performed again after power restoration.
power-supply detection
RP must be connected to the system reset / power good signal to ensure that proper synchronization is
maintained between the CPU and the flash memory operating modes. The default state after power up and exit
from deep power-down mode is read array. RP also is used to indicate that the power supply is stable so that
the operating supply voltage can be established (3 V, 3.3 V or 5 V). Figure 10 shows the proper power-up
sequence. To reset the operating supply voltage, the device must be completely powered off (VCC = 0 V) before
the new supply voltage is detected.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn