Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS117A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS117A
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS117A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS117A Datasheet HTML 1Page - Vectron International, Inc TFS117A Datasheet HTML 2Page - Vectron International, Inc TFS117A Datasheet HTML 3Page - Vectron International, Inc TFS117A Datasheet HTML 4Page - Vectron International, Inc TFS117A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tfs117a.doc
version 1.1
07.03.2001
______________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 117A
1/5
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances
for input:
840 Ohm // -3.9 pF.
for output:
840 Ohm // -3.9 pF
External coil:
290 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 117A is the insertion loss. The insertion loss ae is defined as the insertion loss at the
nominal frequency fN . The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter attenuation level
relative to the insertion loss ae. The nominal frequency fN is fixed on 117.6 MHz without tolerance. The specified values have to be reached in
operating temperature range.
D a t a
typ. Value
tolerance/limit
Insertion loss
ae-
1,25 ... 3,25
dB
(Reference level)
Nominal frequency
fN
-
117,600 MHz
Centre frequency
fC
117,605 MHz
-
1 dB bandwidth
BW
-
-
Relative attenuation
arel
fN ± 0,8 MHz ... fN ± 1,8 MHz
42
dB
min.
20
dB
fN ± 1,8 MHz ... fN ± 6
MHz
44
dB
min.
30
dB
fN ± 6
MHz ... fN ± 100 MHz
28...90
dB
min.
10
dB
VSWR
@ fN
1,3 : 1
max.
1,8 : 1
Group delay
GD
@ fN
4,3
µs
max.
8,2
µs
Input power
-max.
13
dBm
Operating temperature range
- 5
°C ... + 80 °C
Temperature coefficient of frequency
TC
ca. – 0,036
ppm/K²
Frequency inversion temperature
+ 35
°C
Generated:
Checked / approved:


Similar Part No. - TFS117A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS117 VECTRON-TFS117 Datasheet
118Kb / 5P
   Filter specification
TFS1176 VECTRON-TFS1176 Datasheet
236Kb / 5P
   Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
More results

Similar Description - TFS117A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com