Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS112K Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS112K
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS112K Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS112K Datasheet HTML 1Page - Vectron International, Inc TFS112K Datasheet HTML 2Page - Vectron International, Inc TFS112K Datasheet HTML 3Page - Vectron International, Inc TFS112K Datasheet HTML 4Page - Vectron International, Inc TFS112K Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfs112K.doc
Version 1.1
12.02.2001
VI TELEFILTER
Filter Specification
TFS 112K - 2/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
e-mail: tft@telefilter.com
e-mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as
a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
3. Package and pin connection :
(All dimensions in mm)
4. 50
Ω - matching network ( Principal scheme ) :
L1
50
C2
C1
L2
C3
C4
50
10
9
8
7
6
1
2
3
4
5
TFS
112K
tft
N3
C2
50
L4
C1
50
L1
10
9
8
7
6
1
2
3
4
5
TFS
112K
tft
N3
L3
L2
About matching element values and unbalanced Scheme see Application Note.
13,20 ±0,20
6,4 ±0,2
1
TFS 112K
tft
N3
12,0
10,16
5,08
1
2
3
4
5
3
10
9
8
7
6
6
3,0 Max.
Datecode:
Year+month
L
1999
M
2000
N
2001
.......
.........
1 - Balanced input
5 - Balanced output
2 - Balanced input
4 - Balanced output
3 - Package Ground.
7, 8, 9 - Not Connected Ground.


Similar Part No. - TFS112K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS112H VECTRON-TFS112H Datasheet
48Kb / 5P
   Filter Specification
TFS112R VECTRON-TFS112R Datasheet
166Kb / 5P
   Filter specification
More results

Similar Description - TFS112K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com