Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS100A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS100A
Description  Filter Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS100A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS100A Datasheet HTML 1Page - Vectron International, Inc TFS100A Datasheet HTML 2Page - Vectron International, Inc TFS100A Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
tfs100A.doc
Version 1.7
05.01.02
VI TELEFILTER
Filter Specification
TFS 100A - 1/3
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
1. Measurement condition
Ambient temperature TA:
25 °C
Input power level:
0 dBm (typ.)
Terminating impedances in fc:
for input:
62
Ω  -32 pF.
(see Application Note)
[ average values ]
for output:
62
Ω  -32 pF.
(see Application Note)
2. Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 100 A is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The reference frequence fc is the arithmetic mean value of the upper and lower
frequencies at the 33 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the
reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating
temperature range is not included in the production tolerance scheme.
Data
typ. value
tolerance / limit
Insertion loss (Reference level)
ae
22,0 dB
max 25
dB
Centre frequency
fc at ambient temperature (fCTA)
100 MHz
100 ± 0,1
MHz
Pass band at ambient temperature TA:fC - 7,4 MHz.....fC + 7,4
MHz
Bandwidth at ambient temperature:
1 dB - band width
14,95 MHz
1,5 dB - band width
15,01 MHz
3 dB - band width
15,14 MHz
min 15,0
MHz
20 dB - band width
15,64 MHz
33 dB - band width
15,785 MHz
max 15,8
MHz
40 dB - band width
15,93 MHz
max 16,2
MHz
45 dB - band width
16,00 MHz
max 17,0
MHz
Amplitude ripple in pass band (p-p):
0,7 dB
max 1,3
dB
Relative attenuation
arel
fc
fc ± 7,4
MHz
-
max 1,3
dB
fc ± 7,4
MHz .....
fc ± 7,5
MHz
-
max 3
dB
fc ± 7,9
MHz .....
fc ± 8,1
MHz
-
min 33
dB
fc ± 8,1
MHz .....
fc ± 8,5
MHz
45 dB
min 43
dB
fc ± 8,5
MHz .....
fc ± 22,9 MHz
55...60 dB
min 48
dB
fc ± 22,9
MHz .....
fc ± 95
MHz
65...70 dB
min 50
dB
Group delay (mean value in pass band) :
3,26 µs
max 3,4
µs
Group delay ripple in pass band (p-p) :
110 ns
max. 150
ns
Deviation from linear phase in pass band :
6 ° (p-p) (1,2° r.m.s.)
Input/Output return loss with matching network (S11/S22):
4 / 4 dB
Triple transit attenuation compared to main signal
50 dB
Crosstalk attenuation compared to main signal
65...70 dB
Reflection attenuation compared to main signal
60 dB
Substrate material
LiNbO3
Temperature coefficient of frequency ( Tcf )
-86 ppm/K
-94
ppm/K
Frequency deviation of fc over temperature
∆fc(Hz) = Tcf(ppm/K) x (T - TA) x fCTA (MHz)
Operating temperature range
- 25 °C ... + 80 °C
Storage temperature range
- 40 °C ... + 85 °C
Generated:
Dunzow W.
Checked / approved :
Dr. B.Wall.


Similar Part No. - TFS100A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1000 VECTRON-TFS1000 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1003 VECTRON-TFS1003 Datasheet
159Kb / 5P
   VI TELEFILTER Filter specification
TFS1007 VECTRON-TFS1007 Datasheet
189Kb / 5P
   Vectron International Filter specification
TFS100B VECTRON-TFS100B Datasheet
53Kb / 3P
   Filter Specification - RV04
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results

Similar Description - TFS100A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com