Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B3253ZHDEX Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3B3253ZHDEX
Description  3.3V, Dual 4:1 Mux/DeMux NanoSwitch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3253ZHDEX Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3B3253ZHDEX Datasheet HTML 1Page - Diodes Incorporated PI3B3253ZHDEX Datasheet HTML 2Page - Diodes Incorporated PI3B3253ZHDEX Datasheet HTML 3Page - Diodes Incorporated PI3B3253ZHDEX Datasheet HTML 4Page - Diodes Incorporated PI3B3253ZHDEX Datasheet HTML 5Page - Diodes Incorporated PI3B3253ZHDEX Datasheet HTML 6Page - Diodes Incorporated PI3B3253ZHDEX Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
A product Line of
Diodes Incorporated
PI3B3253
www.diodes.com
September 2017
Diodes Incorporated
PI3B3253
Document Number DS40212 Rev 1-2
16-0061
Packaging Mechanical: 16-Pin TSSOP (L)


Similar Part No. - PI3B3253ZHDEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
PI3B3253L PERICOM-PI3B3253L Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
PI3B3253LE PERICOM-PI3B3253LE Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
PI3B3253LE PERICOM-PI3B3253LE Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
More results

Similar Description - PI3B3253ZHDEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
logo
Pericom Semiconductor C...
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
   Dual 4:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com