Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS868C Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS868C
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS868C Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS868C Datasheet HTML 1Page - Vectron International, Inc TFS868C Datasheet HTML 2Page - Vectron International, Inc TFS868C Datasheet HTML 3Page - Vectron International, Inc TFS868C Datasheet HTML 4Page - Vectron International, Inc TFS868C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tfs868C.doc
Version 1.1
07.05.2003
VI TELE FILTER
Filter Specification
TFS868C
2/5
Construction, pin configuration and 50
- matching network
(All dimensions in mm)
2,54
1,78
0,6
5
7
Tele Filter GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
R35
D
1
ate code
868C
1,2 Max.
SQ 3,81
+ 0,2 / -0,1
1,78
0,1
3
Date code:
Year + week
N
2001
P
2002
R
2003
...
Pin 1 Ground
Pin 5 Output
Pin 2 Input
Pin 6 Ground
Pin 3 Ground
Pin 7 Ground
Pin 4 Package Ground
Pin 8 Package ground
50 Ohm Test circuit
L2
Output
50 Ohm
C2
Input
50 Ohm
C1
L1
SAW
1,3,4,6,7,8
5
2
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information


Similar Part No. - TFS868C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS868 VECTRON-TFS868 Datasheet
47Kb / 8P
   Development specification
TFS868 VECTRON-TFS868 Datasheet
223Kb / 5P
   Filter specification
TFS868A1 VECTRON-TFS868A1 Datasheet
79Kb / 5P
   Filter Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS868D VECTRON-TFS868D Datasheet
74Kb / 5P
   Filter Specification
More results

Similar Description - TFS868C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com