Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50050GAG2 Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # ZL50050GAG2
Description  8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50050GAG2 Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button ZL50050GAG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL50050GAG2 Datasheet HTML 17Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
ZL50050
Data Sheet
13
Zarlink Semiconductor Inc.
BSTo0-7
B3, A1, A2, C4,
C5, B2, D2, C2
Backplane Serial Output Streams 0 to 7 (5 V Tolerant, Three-state
Outputs with Slew-Rate Control).
In Backplane Non-32 Mbps Mode, these pins output serial TDM data streams
at a data rate of:
16.384 Mbps (with 256 channels per stream),
8.192 Mbps (with 128 channels per stream),
4.096 Mbps (with 64 channels per stream) or
2.048 Mbps (with 32 channels per stream).
The data rate is independently programmable for each output stream.
In Backplane 32 Mbps Mode, these pins output serial TDM data streams at a
fixed data rate of 32.768 Mbps (with 512 channels per stream).
Refer to the descriptions of the BORS and ODE pins for control of the output
HIGH or high impedance state.
BSTo8-15
C3, F1, D3, E2,
E1, E3, F2, F3
Backplane Serial Output Streams 8 to 15 (5 V Tolerant, Three-state
Outputs with Slew-Rate Control).
In Backplane Non-32 Mbps Mode, these pins output serial TDM data streams
at a data rate of:
16.384 Mbps (with 256 channels per stream),
8.192 Mbps (with 128 channels per stream),
4.096 Mbps (with 64 channels per stream) or
2.048 Mbps (with 32 channels per stream).
The data rate is independently programmable for each output stream.
These pins are unused when the Backplane 32 Mbps Mode is selected.
Therefore, the value output on these pins during Backplane 32 Mbps Mode
(either driven-HIGH or high impedance) is dependent on the configuration of
the BORS pin.
Refer to the descriptions of the BORS and ODE pins for control of the output
HIGH or high impedance state.
BCSTo0-1
A13, C10
Backplane Output Channel High-Impedance Control (5 V Tolerant,
Three-state Outputs). These pins control external buffering individually for a
set of Backplane output streams on a per-channel basis.
When LOW, the external output buffer will be tri-stated.
When HIGH, the external output buffer will be enabled.
In Backplane Non-32 Mbps Mode (stream rates 2 Mbps to 16 Mbps):
BCSTo0 is the output enable for BSTo0,2,4,6,8,10,12,14
BCSTo1 is the output enable for BSTo1,3,5,7,9,11,13,15
In Backplane 32 Mbps Mode (stream rate 32 Mbps):
BCSTo0 is the output enable for BSTo0,2,4,6
BCSTo1 is the output enable for BSTo1,3,5,7
Refer to the descriptions of the BORS and ODE pins for control of the output
LOW or active state.
Pin Description (continued)
Pin Name
ZL50050
Package
Coordinates
(196-ball
PBGA)
Description


Similar Part No. - ZL50050GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50051GAC ZARLINK-ZL50051GAC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50052GAC ZARLINK-ZL50052GAC Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50053QCC ZARLINK-ZL50053QCC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50050GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com