Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50050 Datasheet(PDF) 87 Page - Zarlink Semiconductor Inc

Part # ZL50050
Description  8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50050 Datasheet(HTML) 87 Page - Zarlink Semiconductor Inc

Back Button ZL50050 Datasheet HTML 83Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 84Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 85Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 86Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 87Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 88Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 89Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 90Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 91Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
ZL50050
Data Sheet
87
Zarlink Semiconductor Inc.
Figure 28 - GCI-Bus Local/Backplane Data Timing Diagram (8 Mbps, 4 Mbps, 2 Mbps)
CK_int *
L/BSTi0-15
L/BSTo0-15
tIDS8
8.192 Mbps
8.192 Mbps
Note *: CK_int is the internal clock signal of 131.072 MHz
FP8i
C8i
tIDS4
tIDS2
tSIH8
tSIS8
tSIH4
tSIS4
tSIH2
tSIS2
tSOD2
tSOD4
tSOD8
L/BSTo0-15
4.096 Mbps
L/BSTo0-15
2.048 Mbps
L/BSTi0-15
4.096 Mbps
L/BSTi0-15
2.048 Mbps
Bit0
Ch0
Bit1
Ch0
Bit0
Ch0
Bit1
Ch0
Bit7
Ch31
Bit7
Ch63
Bit0
Ch0
Bit1
Ch0
Bit2
Ch0
Bit3
Ch0
Bit0
Ch0
Bit1
Ch0
Bit7
Ch31
Bit2
Ch0
Bit3
Ch0
Bit1
Ch0
Bit0
Ch0
Bit7
Ch63
Bit6
Ch127
Bit7
Ch127
Bit2
Ch0
Bit3
Ch0
Bit4
Ch0
Bit5
Ch0
Bit6
Ch0
1
2
7
3
4
5
6
6
0
CK_int *
FP8o
C8o
tOFBOS


Similar Part No. - ZL50050

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50051GAC ZARLINK-ZL50051GAC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50052GAC ZARLINK-ZL50052GAC Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50053QCC ZARLINK-ZL50053QCC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50050

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com