Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50050 Datasheet(PDF) 81 Page - Zarlink Semiconductor Inc

Part # ZL50050
Description  8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50050 Datasheet(HTML) 81 Page - Zarlink Semiconductor Inc

Back Button ZL50050 Datasheet HTML 77Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 78Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 79Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 80Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 81Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 82Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 83Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 84Page - Zarlink Semiconductor Inc ZL50050 Datasheet HTML 85Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
ZL50050
Data Sheet
81
Zarlink Semiconductor Inc.
13
C8o Clock Period
tOCP8
117
122
127
ns
CL=60pF
14
C8o Clock Pulse Width High
tOCH8
58
61
64
ns
15
C8o Clock Pulse Width Low
tOCL8
58
61
64
ns
16
C8o Clock Rise/Fall Time
trOC8, tfOC8
37
ns
17
FP16o Frame Pulse Width
tOFPW16_122
tOFPW16_61
117
58
122
61
127
64
ns
FPW =1
FPW=0
CL=60pF
18
FP16o Output Delay
(from frame pulse edge to output frame
boundary)
tFPFBF16_12
2
tFPFBF16_61
58
29
61
31
64
33
ns
FPW =1
FPW=0
19
FP16o Output Delay
(from output frame boundary to frame pulse
edge)
tFBFPF16_12
2
tFBFPF16_61
58
29
61
31
64
33
ns
FPW =1
FPW=0
20
C16o Clock Period
tOCP16
58
61
64
ns
CL=60pF
21
C16o Clock Pulse Width High
tOCH16
29
31
33
ns
22
C16o Clock Pulse Width Low
tOCL16
29
31
33
ns
23
C16o Clock Rise/Fall Time
trOC16,
tfOC16
37
ns
Input and Output Clock Timing (continued)
Characteristic
Sym.
Min.
Typ.
Max.
Units
Notes


Similar Part No. - ZL50050

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50051GAC ZARLINK-ZL50051GAC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50052GAC ZARLINK-ZL50052GAC Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50053QCC ZARLINK-ZL50053QCC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50050

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com