Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA-4-0504 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CMA-4-0504
Description  Amplifier 0.5 GHz - 4 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CMA-4-0504 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CMA-4-0504 Datasheet HTML 1Page - Teledyne Technologies Incorporated CMA-4-0504 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
CMA-4-0504
Amplifier
0.5 GHz - 4 GHz
08/05
ISO 9001:2000
0.5 GHz - 4 GHz
CMA-4-0504
35 dB
Gain Vs Temp at any Frequency: This Amplifier is not Temperature Compensated
4 dB
18 dBm
+/-1.5 dB
27 dBm
240 mA
265 mA
SC4
+25
This Amplifier offers exceptional performance over the band
0.5 GHz to 4 GHz with 18 dBm P1dB output power and 35 dB
Gain.


Similar Part No. - CMA-4-0504

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-4-0502 TELEDYNE-CMA-4-0502 Datasheet
894Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
CMA-4-0503 TELEDYNE-CMA-4-0503 Datasheet
892Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
More results

Similar Description - CMA-4-0504

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMA-4-0502 TELEDYNE-CMA-4-0502 Datasheet
894Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
CMA-4-0503 TELEDYNE-CMA-4-0503 Datasheet
892Kb / 2P
   Amplifier 0.5 GHz - 4 GHz
TGM-04-0001 TELEDYNE-TGM-04-0001 Datasheet
897Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0005 TELEDYNE-CGM-04-0005 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0004 TELEDYNE-TGM-04-0004 Datasheet
898Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0005 TELEDYNE-TGM-04-0005 Datasheet
909Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0002 TELEDYNE-CGM-04-0002 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
CGM-04-0004 TELEDYNE-CGM-04-0004 Datasheet
914Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0002 TELEDYNE-TGM-04-0002 Datasheet
909Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
TGM-04-0006 TELEDYNE-TGM-04-0006 Datasheet
898Kb / 2P
   Module Amplifier 0.5 GHz - 4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com