Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP90N06-05L Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SUP90N06-05L
Description  N-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUP90N06-05L Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUP90N06-05L
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73037
S-41504—Rev. A, 09-Aug-04
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 60 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 125_C
50
mA
g
DSS
VDS = 60 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
120
A
VGS = 10 V, ID = 30 A
0.0039
0.0049
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 20 A
0.0044
0.0055
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 125_C
0.0083
W
VGS = 10 V, ID = 30 A, TJ = 175_C
0.0103
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
30
S
Dynamicb
Input Capacitance
Ciss
12900
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
1060
pF
Reverse Transfer Capacitance
Crss
700
Gate Resistance
Rg
f = 1.0 MHz
1.3
W
Total Gate Chargec
Qg
200
300
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 90 A
50
nC
Gate-Drain Chargec
Qgd
DS
, GS
, D
33
Turn-On Delay Timec
td(on)
22
35
Rise Timec
tr
VDD = 30 V, RL = 0.33 W
130
200
ns
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.33 W
ID ^ 90 A, VGEN = 10 V, Rg = 2.5 W
110
165
ns
Fall Timec
tf
280
420
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current
IS
90
A
Pulsed Current
ISM
240
A
Forward Voltagea
VSD
IF = 90 A, VGS = 0 V
1.1
1.5
V
Reverse Recovery Time
trr
I
90 A di/dt 100 A/
55
82
ns
Peak Reverse Recovery Current
IRM(REC)
IF = 90 A, di/dt = 100 A/ms
3.6
5.4
A
Reverse Recovery Charge
Qrr
0.1
0.22
mC
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn