Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUP90N06-05L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUP90N06-05L
Description  N-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUP90N06-05L Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Maximum Junction Temperature
APPLICATIONS
D Automotive Such As
− High-Side Switch
− Motor Drives
− 12-V Battery
D Synchronous Rectification
SUP90N06-05L
Vishay Siliconix
New Product
Document Number: 73037
S-41504—Rev. A, 09-Aug-04
www.vishay.com
1
N-Channel 60-V (D-S) 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
60
0.0049 @ VGS = 10 V
90 a
60
0.0055 @ VGS = 4.5 V
90 a
D
G
S
N-Channel MOSFET
TO-220AB
Top View
GD S
DRAIN connected to TAB
Ordering Information: SUP90N06-05L—E3
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)
TC = 25_C
ID
90a
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
90a
A
Pulsed Drain Current
IDM
240
A
Avalanche Current, Single Pulse
IAS
75
Repetitive Avalanche Energy, Single Pulse
L = 0.1 mH
EAS
280
mJ
Maximum Power Dissipation
TC = 25_C
PD
300b
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (Free Air)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
0.5
_C/W
Notes
a.
Package limited.
b.
See SOA curve for voltage derating.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn