Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN78 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN78
Description  GaAlAs Infrared Light Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN78 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN78 Datasheet HTML 1Page - Panasonic Semiconductor LN78 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Infrared Light Emitting Diodes
R0.6
12
R1.2
2-0.45
±0.15
2-1.2
±0.3
1.2
2.9
±0.25
4.5
±0.3
1.7
±0.2
0.9
0.8
ø2.4
1: Cathode
2: Anode
Unit : mm
2.54
0.45
±0.15
LN78
GaAlAs Infrared Light Emitting Diode
For optical control cystems
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Power dissipation
PD
180
mW
Forward current (DC)
IF
100
mA
Pulse forward current
IFP*
1A
Reverse voltage (DC)
VR
3V
Operating ambient temperature
Topr
–25 to+85
˚C
Storage temperature
Tstg
–30 to +100
˚C
* f = 100 Hz, Duty cycle = 0.1 %
Features
High-power output, high-efficiency : PO = 10 mW (typ.)
High-speed modulation capability : fC = 12 MHz
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Radiant power
PO
IF = 50mA
6
10
mW
Peak emission wavelength
λ
P
IF = 50mA
880
nm
Spectral half band width
∆λ
IF = 50mA
50
nm
Forward voltage (DC)
VF
IF = 100mA
1.5
1.8
V
Reverse current (DC)
IR
VR = 3V
10
µA
Capacitance between pins
Ct
VR = 0V, f = 1MHz
50
pF
Half-power angle
θ
The angle in which radiant intencity is 50%
40
deg.
Cutoff frequency
fC*
IFP = 50mA + 10mAp-p
12
MHz
* Frequency when modulation optical power decreases by 3dB from 1MHz.
(10 log
PO(fCMHz)
= – 3
)
PO(1MHz)


Similar Part No. - LN78

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LN7266DT1WG LRC-LN7266DT1WG Datasheet
549Kb / 6P
   N-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN7304DT1WG LRC-LN7304DT1WG Datasheet
548Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN7308DT1WG LRC-LN7308DT1WG Datasheet
373Kb / 3P
   N-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
More results

Similar Description - LN78

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN184 PANASONIC-LN184 Datasheet
41Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN189M PANASONIC-LN189M Datasheet
36Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN189S PANASONIC-LN189S Datasheet
44Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LNA4905L PANASONIC-LNA4905L_08 Datasheet
298Kb / 3P
   GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN75X PANASONIC-LN75X Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN189L PANASONIC-LN189L Datasheet
43Kb / 2P
   GaAlAs Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com