Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110N06-05L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUM110N06-05L
Description  N-Channel 60-V (D-S) 175-C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUM110N06-05L Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Junction Temperature
D New Low Thermal Resistance Package
APPLICATIONS
D Automotive and Industrial
SUM110N06-05L
Vishay Siliconix
New Product
Document Number: 72006
S-32618—Rev. B, 29-Dec-03
www.vishay.com
1
N-Channel 60-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
60
0.0052 @ VGS = 10 V
110 a
60
0.0072 @ VGS = 4.5 V
110 a
D
G
S
N-Channel MOSFET
TO-263
S
D
G
Top View
Ordering Information: SUM110N06-05L
SUM110N06-05L—E3 (Lead Free)
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)
TC = 25_C
ID
110a
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
82a
A
Pulsed Drain Current
IDM
300
A
Avalanche Current
IAR
75
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
280
mJ
Maximum Power Dissipationb
TC = 25_C
PD
230c
W
Maximum Power Dissipationb
TA = 25_C d
PD
3.75
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient—PCB Mountd
RthJA
40
_C/W
Junction-to-Case
RthJC
0.65
_C/W
Notes
a.
Package limited.
b.
Duty cycle v 1%.
c.
See SOA curve for voltage derating.
d.
When mounted on 1” square PCB (FR-4 material).


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn