Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110N06-05L Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SUM110N06-05L
Description  N-Channel 60-V (D-S) 175-C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUM110N06-05L Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUM110N06-05L
Vishay Siliconix
New Product
Document Number: 72006
S-32618—Rev. B, 29-Dec-03
www.vishay.com
5
THERMAL RATINGS
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
1000
10
0.1
1
10
100
Limited
by rDS(on)
0.1
100
TC = 25_C
Single Pulse
Maximum Drain Current vs.
Case Temperature
TC − Ambient Temperature (_C)
1 ms
10 ms
100 ms
dc
10 ms
100 ms
1
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10−4
10−3
10−2
10−1
1
10
0.2
0.1
0.05
0.02
Duty Cycle = 0.5
Single Pulse


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn