Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ2951CS-3.3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PJ2951CS-3.3
Description  150mA Low Dropout Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ2951CS-3.3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PJ2951CS-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2951CS-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2951CS-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2951CS-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2951CS-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2951CS-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2951CS-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PJ2950/PJ2951
150mA Low Dropout Voltage Regulators
5-7
2002/01.rev.A
The
PJ2951
output
voltage
is
programmable for any valu e from it
 reference voltage of 1.250 volt
and it maximum rating of 30 volt .
For example for 5 volt needs to pin-
strapped
and
using
the
internal
voltage divider by tying pin 1 to 2
and pin 7 to pin
6. Refer to Figure
2, there are two ext ernal resistor
required for this programming .
Refer to the below equation fo r the
programming the output voltage:
Volt = Vref x (1+R1\R2)+IFBR1
The Vref is 1.250 and IFB
is the
feedb ack bias current , nominally -20
nA. The minimum recommended
load current o f 1μA fo rces an upper
limit of 1.2MΩ on value of R2 , If
no load presented the IFB produces
error o f typically 2% in Vout which
maybe
eliminated
at
room
temperature by trimming R1 . To
improve the accuracy chooses the
value of
R2 =100K
and this
reduces the error by 0.17% and
increas es
the
resistor
program
current by 12 μ A . The PJ2951
typically draw 60 μ A at no load
with
pin
2 open-circuit,and this
value does not look much .
It could be an advantag e to reduce
the AC noise present at the output
One way is to reduce the regulator
bandwidth by increasing the value o f
the output capacitor . this is the only
method that noise could reduce on
the
PJ2950
but
is
relatively
inefficient
, as increasing capacitor
from 1μF to 220μF only decreas es
the noise from 430μV to 160 μV
rms . for a 100KHz bandwidth at 5
volt output .
Noise could
be also
reduce by
fou rfold by a
bypass capacitor
across R1 since it reduces the high
frequ ency gain from 4 to unity . pick
CBYPASS = 1 / 2πR1 x 200Hz or
choose 0.01 μF . When doing this,
the
output
capacitor
must
be
increas ed
to 3.3 μ F to maintain
stability . These changes the output
noise from 430μV rms . for a 100
kHz bandwidth 5 & 3.3 volt output.
With the bypass capacitor added,
noise no longer scales with output
voltage so that improvements
are
more
dramatic
higher
output
voltage .
REDUCING OUTPUT NOISE
FIGURE 1.ERROR OUTPUT TIMING
FIGURE 2.ADJUSTABLE REGULATOR
PJ2951


Similar Part No. - PJ2951CS-3.3

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ20168 HAMMOND-PJ20168 Datasheet
160Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168H HAMMOND-PJ20168H Datasheet
169Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
143Kb / 3P
   Boite de jonction en polyester de type 4X avec regard
PJ20168L HAMMOND-PJ20168L Datasheet
216Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ2951CS-3.3

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
logo
Calogic, LLC
CLM2950 CALOGIC-CLM2950 Datasheet
154Kb / 10P
   150mA Low Dropout Voltage Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com