Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C16245V Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C16245V
Description  16-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16245V Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C16245V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16245V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16245V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16245V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16245V Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS7025B
06/21/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C16245/162245
16-Bit, 2-Port Bus Switch
Power Supply Characteristics
Parameters Description
TestConditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC =Max.
VIN = GND or VCC
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC =Max.
VIN=3.4V
(3)
2.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC =Max.,
0.25
mA/
Input per MHz
(4)
A and B Pins Open
MHz
nBE =GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
PI5C16245 Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used
in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
PI5C162245 Switching Characteristics over Operating Range
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
5
4
2
6
1
C
5
I
P
s
ti
n
U
.
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
,
x
A
x
o
t
x
B
x
,
x
B
x
o
t
x
A
x
CL
F
p
0
5
=
RL
0
0
5
=
–5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
I
T
el
b
a
n
E
s
u
B
,
x
B
x
r
o
x
A
x
o
t
E
B
x
5
.
15
.
6
t Z
H
P
t Z
L
P
e
m
I
T
el
b
a
si
D
s
u
B
,
x
B
x
r
o
x
A
x
o
t
E
B
x
5
.
15
.
5
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
5
4
2
2
6
1
C
5
I
P
s
ti
n
U
.
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
,
x
A
x
o
t
x
B
x
,
x
B
x
o
t
x
A
x
CL
F
p
0
5
=
RL
0
0
5
=
–5
2
.
1
s
n
t H
Z
P
t L
Z
P
e
m
I
T
el
b
a
n
E
s
u
B
,
x
B
x
r
o
x
A
x
o
t
E
B
x
5
.
15
.
6
t Z
H
P
t Z
L
P
e
m
I
T
el
b
a
si
D
s
u
B
,
x
B
x
r
o
x
A
x
o
t
E
B
x
5
.
15
.
5


Similar Part No. - PI5C16245V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16245 PERICOM-PI5C16245 Datasheet
238Kb / 6P
   16-Bit, 2-Port Bus Switch
PI5C16245AX PERICOM-PI5C16245AX Datasheet
238Kb / 6P
   16-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C16245V

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16245AX PERICOM-PI5C16245AX Datasheet
238Kb / 6P
   16-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A Datasheet
551Kb / 6P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A Datasheet
552Kb / 6P
   16-Bit, 4-Port Bus Switch
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
   16-Bit, 4-Port Bus Switch
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com