Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7505XM Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7505XM
Description  BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7505XM Datasheet(HTML) 7 Page - New Japan Radio

  NJU7505XM Datasheet HTML 1Page - New Japan Radio NJU7505XM Datasheet HTML 2Page - New Japan Radio NJU7505XM Datasheet HTML 3Page - New Japan Radio NJU7505XM Datasheet HTML 4Page - New Japan Radio NJU7505XM Datasheet HTML 5Page - New Japan Radio NJU7505XM Datasheet HTML 6Page - New Japan Radio NJU7505XM Datasheet HTML 7Page - New Japan Radio NJU7505XM Datasheet HTML 8Page - New Japan Radio NJU7505XM Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJU7505
-7 -
Ver.2004-06-04
! AC CHARACTERISTICS
( VDD=4.5 to 6.0V, VSS=0V, Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
NOTE
Oscillation Clock Freq
fOSC
RST/CLKO Terminal
VDD=5V
360
400
440
KHz
12
External Clock Frequency
fCLK
RST/CLKO Terminal
VILC=0V
VIHC=VDD
400
800
KHz
13
Master
8/fOSC
8/fCLK
RD Pulse Width
tPWRD
RD Terminal
Slave
12/fOS
C
12/fCLK
µs
14
Master
4/fOSC
4/fCLK
RST Pulse Width
tPWRS
RST/CLKO Terminal
Slave
6/fOSC
6/fCLK
µs
15
RST Rise/Fall Time
tr, tf
RST/CLKO Terminal
100
nA
15
Note 12) The example for the CR Oscillation
Note 13) The example for the external clock input
Note 14) The output wave form of the RD terminal.
Note 15) The input wave form of the RST terminal.
OSC1
OSC2
VSS
RT
CT
OSC1
OSC2
Oscillator
Open
0.8VDD
tPWRD
0.8VDD
0.8VDD
0.8VDD
0.2VDD
0.2VDD
TPWRS
tf
tr
*The oscillation clock frequency is calculated from the
output frequency of the RST/CLKO terminal by 3/2.
RT: 13K
Ω(±2%)
CT: 220pF(
±5%)
The input signal for the OSC2 terminal should be the
condition of the pulse of DUTY50%
±10%.
* The oscillation clock frequency is calculated
from the output frequency of the RST/CLKO terminal
by 3/2.


Similar Part No. - NJU7505XM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7507XD NJRC-NJU7507XD Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7507XM NJRC-NJU7507XM Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJU7508D NJRC-NJU7508D Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
More results

Similar Description - NJU7505XM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7509 NJRC-NJU7509 Datasheet
254Kb / 11P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJM2760 NJRC-NJM2760 Datasheet
140Kb / 7P
   Band Pass Filter for Spectrum Analyzer Display
logo
Rohm
BA3835S ROHM-BA3835S Datasheet
131Kb / 10P
   Band-pass filter for spectrum analyzer
BA3834S ROHM-BA3834S Datasheet
135Kb / 10P
   Band-pass filter for spectrum analyzer
BA3826S ROHM-BA3826S Datasheet
115Kb / 7P
   Band-pass filter for spectrum analyzer
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3834F ROHM-BA3834F Datasheet
273Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com