Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7505XD Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU7505XD
Description  BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7505XD Datasheet(HTML) 8 Page - New Japan Radio

  NJU7505XD Datasheet HTML 1Page - New Japan Radio NJU7505XD Datasheet HTML 2Page - New Japan Radio NJU7505XD Datasheet HTML 3Page - New Japan Radio NJU7505XD Datasheet HTML 4Page - New Japan Radio NJU7505XD Datasheet HTML 5Page - New Japan Radio NJU7505XD Datasheet HTML 6Page - New Japan Radio NJU7505XD Datasheet HTML 7Page - New Japan Radio NJU7505XD Datasheet HTML 8Page - New Japan Radio NJU7505XD Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJU7505
- 8 -
Ver.2004-06-04
! APPLICATION CIRCUIT (1)
*1 ) The capacitor for AC coupling connected to the AIN terminal should be needed.
*2 ) Connecting the attenuator, the dynamic range of the display can be changed.
*3 ) When the voltage of the output terminal of the µCOM gets over the VSS level, the diode should be connected between
the RST/CLKO terminal and the output of the µCOM.
Lch
AUDIO IN
AUDIO OUT
AUDIO IN
AUDIO OUT
RESONANCE
CIRCUIT
NJU7305
RESONANCE
CIRCUIT
ATT.
*2
*1
AIN
OSC1
OSC2
NJU7505
13K
220pF
VSS
RD
RST/CLKO
*3
AOUT
A/D
DISPLAY DRIVER
DISPLAY
µCOM
Rch


Similar Part No. - NJU7505XD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7507XD NJRC-NJU7507XD Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7507XM NJRC-NJU7507XM Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJU7508D NJRC-NJU7508D Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
More results

Similar Description - NJU7505XD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7507 NJRC-NJU7507 Datasheet
324Kb / 10P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7509 NJRC-NJU7509 Datasheet
254Kb / 11P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY?
NJU7508 NJRC-NJU7508 Datasheet
309Kb / 12P
   BAND PASS FILTER FOR AUDIO SPECTRUM ANALYZER DISPLAY
NJM2760 NJRC-NJM2760 Datasheet
140Kb / 7P
   Band Pass Filter for Spectrum Analyzer Display
logo
Rohm
BA3835S ROHM-BA3835S Datasheet
131Kb / 10P
   Band-pass filter for spectrum analyzer
BA3834S ROHM-BA3834S Datasheet
135Kb / 10P
   Band-pass filter for spectrum analyzer
BA3826S ROHM-BA3826S Datasheet
115Kb / 7P
   Band-pass filter for spectrum analyzer
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3834F ROHM-BA3834F Datasheet
273Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com