Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-400-CBD-206C20.48 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TC-400-CBD-206C20.48
Description  Temperature Compensated Crystal Oscillators (TCXO?셲)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-400-CBD-206C20.48 Datasheet(HTML) 2 Page - Vectron International, Inc

  TC-400-CBD-206C20.48 Datasheet HTML 1Page - Vectron International, Inc TC-400-CBD-206C20.48 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-400 (14/4 Single DIP Series)
Outline Drawing
10.000
12.800
13.000
16.384
19.440
20.000
20.480
27.000
34.368
38.880
40.000
44.736
51.840
60.000
77.760
114.00
155.52
Pin
Function
1
See pin 1 options
7Gnd
8
Output
14
Supply (Vdd)
Output Option A
B
F
Output
HCMOS/ACMOS
10 TTL
PECL
Voh min..
0.8 (Vdd)
+2.4 Vdc
Vdd - 1.04 Vdc
Vol max.
+0.5 Vdc
+0.5 Vdc
Vcc -1.60 Vdc
Load (typical)
100 k ohm // 10 pF
10 TTL
50 ohms to Vcc -2V
Symmetry
50/50 ±10%
50/50 ±10%
50/50 ±10%
Rise/Fall Time
5 ns max.
10 ns max.
3 ns max.
Output Option
G
Output
Sinewave
Level
0 dBm to +6 dBm
Load
50 ohm
Harmonics/subs
-20 dBc max.
Other Spurious
-60 dBc max.
Ordering Information
TC
Temperature Range
B-106 = ±1.0x10-6 over 0°C to +50°C
B-156 = ±1.5x10-6 over 0°C to +50°C
C-106 = ±1.0x10-6 over 0°C to +70°C
C-156 = ±1.5x10-6 over 0°C to +70°C
D-156 = ±1.5x10-6 over -20°C to +70°C
D-206 = ± 2.0x10-6 over -20°C to +70°C
F-156 = ±1.5x10-6 over -40°C to +85°C
F-256 = ±2.5x10-6 over -40°C to +85°C
Note: Other stabilities are available upon request.
Output Frequency
2.0 MHz to 160 MHz
400
A
D
C
156
A
20.48
Product Family
TC = TCXO
Package
400 = 14/4 DIP
Supply Voltage
C = 5.0 Vdc ±5%
D = 3.3 Vdc ±5%
Output
A = HCMOS/ACMOS
B = 10 TTL
D = PECL
G = 0 dBm / 50 ohm
MHz
Pin 1 Options
A = Electrical Frequency Adjust (Default)
B = Tri-state or Enable/Disable
C = No Connect
Standard Frequencies (MHz)
Output Levels
Logic
Sine
Pin Out
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
(in.)
1
7
8
14
.002)
.051
Dia
(.200)
5.08
59
TCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 59


Similar Part No. - TC-400-CBD-206C20.48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-400-TM-X ETC1-TC-400-TM-X Datasheet
271Kb / 1P
   TNC Male (Plug) Straight Solder Pin No Braid Rtim Connector for LMR-400 Cable
F
More results

Similar Description - TC-400-CBD-206C20.48

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
Nel Frequency Controls,...
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
MTRONPTI
MTCO25A MTRONPTI-MTCO25A Datasheet
59Kb / 1P
   Surface Mount Temperature Compensated Crystal Oscillators (TCXO)
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
MTRONPTI
MTCO31 MTRONPTI-MTCO31 Datasheet
59Kb / 1P
   Dual In Line Package Temperature Compensated Crystal Oscillators (TCXO)
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com