Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO-502-BGF-TNN1350 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # SO-502-BGF-TNN1350
Description  SAW Based Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-502-BGF-TNN1350 Datasheet(HTML) 8 Page - Vectron International, Inc

  SO-502-BGF-TNN1350 Datasheet HTML 1Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 2Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 3Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 4Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 5Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 6Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 7Page - Vectron International, Inc SO-502-BGF-TNN1350 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SO-502 SAW Based Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
8
Rev: 06June05
Available Standard Frequencies (MHz)
480
622.08
640
938
970
983.04
990
1000
1090
1200
1330
Other Frequencies Available Upon Request.
Ordering Information
SO – 502 - B J C - G N N – xxxx.xxxx
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Product Family
SO: SAW XO
Package
502: 9 x 14 x 4.5 mm
Input
D: 3.3 V
C: 5.0 V
B: 12.0 V
Output
F: PECL
G: Sine ≥ 0 dBm
H: Sine ≥ 3 dBm
J: Sine ≥ 7 dBm
K: Sine ≥ 10 dBm
Operating Temperature
C:
0
°°°°C to +70 °°°°C
D: -20
°°°°C to +85 °°°°C
F: -40
°°°°Cto +85 °°°°C
Other (Future Use)
N: N/A
Other (Future Use)
N: N/A
Frequency Stability
L: ± 130 ppm (0
°°°°C to +70 °°°°C only)
T: ± 200 ppm
Frequency (See Above)
300 – 1350 MHz
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +49 (0) 3328-4784-17
Fax: +49 (0) 3328-4784-30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86-21-28909740
Fax: +86-21-28909999


Similar Part No. - SO-502-BGF-TNN1350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SO-1021-7127 ETC2-SO-1021-7127 Datasheet
86Kb / 1P
   RELAY SOCKET 10 AMP
logo
Texas Instruments
SO-14 TI1-SO-14 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-14 ADMOS-SO-14 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
logo
Texas Instruments
SO-16 TI1-SO-16 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-16 ADMOS-SO-16 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
More results

Similar Description - SO-502-BGF-TNN1350

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com