Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS864472C-225 Datasheet(PDF) 1 Page - GSI Technology

Part # GS864472C-225
Description  4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864472C-225 Datasheet(HTML) 1 Page - GSI Technology

  GS864472C-225 Datasheet HTML 1Page - GSI Technology GS864472C-225 Datasheet HTML 2Page - GSI Technology GS864472C-225 Datasheet HTML 3Page - GSI Technology GS864472C-225 Datasheet HTML 4Page - GSI Technology GS864472C-225 Datasheet HTML 5Page - GSI Technology GS864472C-225 Datasheet HTML 6Page - GSI Technology GS864472C-225 Datasheet HTML 7Page - GSI Technology GS864472C-225 Datasheet HTML 8Page - GSI Technology GS864472C-225 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Product Preview
GS864418(B/E)/GS864436(B/E)/GS864472(C)
4M x 18, 2M x 36, 1M x 72
72Mb S/DCD Sync Burst SRAMs
250 MHz–133MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
119-, 165-, & 209-Pin BGA
Commercial Temp
Industrial Temp
Rev: 1.03 11/2004
1/41
© 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline operation
• Single/Dual Cycle Deselect selectable
• IEEE 1149.1 JTAG-compatible Boundary Scan
• ZQ mode pin for user-selectable high/low output drive
• 2.5 V or 3.3 V +10%/–10% core power supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to SCD x18/x36 Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 119-, 165-, and 209-bump BGA package
Functional Description
Applications
The GS864418/36/72 is a
75,497,472-bit high performance
synchronous SRAM with a 2-bit burst address counter. Although of a
type originally developed for Level 2 Cache applications supporting
high performance CPUs, the device now finds application in
synchronous SRAM applications, ranging from DSP main store to
networking chip set support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control inputs
(ADSP, ADSC, ADV), and write control inputs (Bx, BW, GW) are
synchronous and are controlled by a positive-edge-triggered clock
input (CK). Output enable (G) and power down control (ZZ) are
asynchronous inputs. Burst cycles can be initiated with either ADSP
or ADSC inputs. In Burst mode, subsequent burst addresses are
generated internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or interleave order
with the Linear Burst Order (LBO) input. The Burst function need not
be used. New addresses can be loaded on every cycle with no
degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the user
via the FT mode . Holding the FT mode pin low places the RAM in
Flow Through mode, causing output data to bypass the Data Output
Register. Holding FT high places the RAM in Pipeline mode,
activating the rising-edge-triggered Data Output Register.
SCD and DCD Pipelined Reads
The GS864418/36/72 is a SCD (Single Cycle Deselect) and DCD
(Dual Cycle Deselect) pipelined synchronous SRAM. DCD SRAMs
pipeline disable commands to the same degree as read commands.
SCD SRAMs pipeline deselect commands one stage less than read
commands. SCD RAMs begin turning off their outputs immediately
after the deselect command has been captured in the input registers.
DCD RAMs hold the deselect command for one full cycle and then
begin turning off their outputs just after the second rising edge of
clock. The user may configure this SRAM for either mode of
operation using the SCD mode input.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable (BW)
input combined with one or more individual byte write signals (Bx).
In addition, Global Write (GW) is available for writing all bytes at one
time, regardless of the Byte Write control inputs.
FLXDrive™
The ZQ pin allows selection between high drive strength (ZQ low) for
multi-drop bus applications and normal drive strength (ZQ floating or
high) point-to-point applications. See the Output Driver
Characteristics chart for details.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of
the ZZ signal, or by stopping the clock (CK). Memory data is retained
during Sleep mode.
Core and Interface Voltages
The GS864418/36/72 operates on a 2.5 V or 3.3 V power supply. All
input are 3.3 V and 2.5 V compatible. Separate output power (VDDQ)
pins are used to decouple output noise from the internal circuits and
are 3.3 V and 2.5 V compatible.
Parameter Synopsis
-250 -225 -200 -166 -150 -133 Unit
Pipeline
3-1-1-1
tKQ(x18/x36)
tKQ(x72)
tCycle
2.5
3.0
4.0
2.7
3.0
4.4
3.0
3.0
5.0
3.5
3.5
6.0
3.8
3.8
6.7
4.0
4.0
7.5
ns
ns
ns
Curr (x18)
Curr (x36)
Curr (x72)
385
450
540
360
415
505
335
385
460
305
345
405
295
325
385
265
295
345
mA
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
6.5
6.5
6.5
6.5
6.5
6.5
7.0
7.0
7.5
7.5
8.5
8.5
ns
ns
Curr (x18)
Curr (x36)
Curr (x72)
265
290
345
265
290
345
265
290
345
255
280
335
240
265
315
225
245
300
mA
mA
mA


Similar Part No. - GS864472C-225

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864418E-133 GSI-GS864418E-133 Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-133I GSI-GS864418E-133I Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-133IV GSI-GS864418E-133IV Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-133V GSI-GS864418E-133V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-150 GSI-GS864418E-150 Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS864472C-225

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com