Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS864436E-133 Datasheet(PDF) 2 Page - GSI Technology

Part # GS864436E-133
Description  4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864436E-133 Datasheet(HTML) 2 Page - GSI Technology

  GS864436E-133 Datasheet HTML 1Page - GSI Technology GS864436E-133 Datasheet HTML 2Page - GSI Technology GS864436E-133 Datasheet HTML 3Page - GSI Technology GS864436E-133 Datasheet HTML 4Page - GSI Technology GS864436E-133 Datasheet HTML 5Page - GSI Technology GS864436E-133 Datasheet HTML 6Page - GSI Technology GS864436E-133 Datasheet HTML 7Page - GSI Technology GS864436E-133 Datasheet HTML 8Page - GSI Technology GS864436E-133 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Product Preview
GS864418(B/E)/GS864436(B/E)/GS864472(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
2/41
© 2003, GSI Technology
GS864472C Pad Out—209-Bump BGA—Top View (Package C)
123456789
10
11
ADQG
DQG
AE2
ADSP
ADSC
ADV
E3
ADQB
DQB
A
BDQG
DQG
BC
BG
NC
BW
ABB
BF
DQB
DQB
B
CDQG
DQG
BH
BD
NC
E1
NC
BE
BA
DQB
DQB
C
DDQG
DQG
VSS
NC
NC
G
GW
NC
VSS
DQB
DQB
D
E
DQPG
DQPC
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPF
DQPB
E
FDQC
DQC
VSS
VSS
VSS
ZQ
VSS
VSS
VSS
DQF
DQF
F
GDQC
DQC
VDDQ
VDDQ
VDD
MCH
VDD
VDDQ
VDDQ
DQF
DQF
G
HDQC
DQC
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQF
DQF
H
JDQC
DQC
VDDQ
VDDQ
VDD
MCL
VDD
VDDQ
VDDQ
DQF
DQF
J
KNC
NC
CK
NC
VSS
MCL
VSS
NC
NC
NC
NC
K
LDQH
DQH
VDDQ
VDDQ
VDD
FT
VDD
VDDQ
VDDQ
DQA
DQA
L
MDQH
DQH
VSS
VSS
VSS
MCL
VSS
VSS
VSS
DQA
DQA
M
NDQH
DQH
VDDQ
VDDQ
VDD
SCD
VDD
VDDQ
VDDQ
DQA
DQA
N
PDQH
DQH
VSS
VSS
VSS
ZZ
VSS
VSS
VSS
DQA
DQA
P
R
DQPD
DQPH
VDDQ
VDDQ
VDD
VDD
VDD
VDDQ
VDDQ
DQPA
DQPE
R
TDQD
DQD
VSS
NC
NC
LBO
NC
NC
VSS
DQE
DQE
T
UDQD
DQD
AAAAA
AA
DQE
DQE
U
VDQD
DQD
AAA
A1
A
A
A
DQE
DQE
V
WDQD
DQD
TMS
TDI
A
A0
A
TDO
TCK
DQE
DQE
W
11 x 19 Bump BGA—14 x 22 mm2 Body—1 mm Bump Pitch


Similar Part No. - GS864436E-133

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS864436E-133 GSI-GS864436E-133 Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864436E-133I GSI-GS864436E-133I Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864436E-133IV GSI-GS864436E-133IV Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864436E-133V GSI-GS864436E-133V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS864436E-133

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com