Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGR60N60U1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGR60N60U1
Description  LowV-CE(sat) IGBT with Diode ISOPLUS247-TM (Electrically Isolated Back Surface)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR60N60U1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGR60N60U1 Datasheet HTML 1Page - IXYS Corporation IXGR60N60U1 Datasheet HTML 2Page - IXYS Corporation IXGR60N60U1 Datasheet HTML 3Page - IXYS Corporation IXGR60N60U1 Datasheet HTML 4Page - IXYS Corporation IXGR60N60U1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 - 5
© 2000 IXYS All rights reserved
IXGR 60N60U1
Fig. 12 Forward current
Fig. 13 Recovery charge versus -di
F/dt.
Fig. 14 Peak reverse current versus
versus voltage drop.
-di
F/dt.
Fig. 15. Dynamic parameters versus
Fig. 16 Recovery time versus -di
F/dt.
Fig. 17 Peak forward voltage vs. di
F/dt.
junction temperature.
Fig. 18 Transient thermal impedance junction to case.


Similar Part No. - IXGR60N60U1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR60N60B2 IXYS-IXGR60N60B2 Datasheet
514Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR60N60B2D1 IXYS-IXGR60N60B2D1 Datasheet
514Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR60N60C2 IXYS-IXGR60N60C2 Datasheet
612Kb / 6P
   Lightspeed 2TM Series (Electrically Isolated Back Surface)
IXGR60N60C2D1 IXYS-IXGR60N60C2D1 Datasheet
612Kb / 6P
   Lightspeed 2TM Series (Electrically Isolated Back Surface)
IXGR60N60C3C1 IXYS-IXGR60N60C3C1 Datasheet
199Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
More results

Similar Description - IXGR60N60U1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR180N085 IXYS-IXFR180N085 Datasheet
42Kb / 2P
   HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
IXFR26N50 IXYS-IXFR26N50 Datasheet
34Kb / 2P
   HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
IXFR26N50Q IXYS-IXFR26N50Q Datasheet
79Kb / 2P
   HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Back Surface)
DSS17-06CR IXYS-DSS17-06CR Datasheet
42Kb / 2P
   HiPerDyn-TM Schottky Diode (Electrically Isolated Back Surface)
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
IXGR24N60C IXYS-IXGR24N60C Datasheet
56Kb / 2P
   HiPerFASTTM IGBT ISOPLUS247TM (Electrically Isolated Back Surface)
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
   Electrically Isolated Back Surface
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
   Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
   Electrically Isolated Back Surface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com