Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8563 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM8563
Description  1.5A LINEAR BUS TERMINATION REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8563 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM8563 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CM8563
1.5A LINEAR BUS TERMINATION REGULATOR
FUNCTIONAL DESCRIPTION
The CM8563 is a linear bus termination regulator designed to
meet the JEDEC requirements of SSTL-2 and SSTL-3. The
CM8563 is capable of sinking and sourcing current at the
output VOUT, regulating the voltage to equal VDDQ/2. A
buffered reference voltage that also tracks VDDQ/2 is
generated on the VREF pin for providing a global reference to
the DDR-SDRAM and Northbridge Chipset. VOUT is designed
to track the VREF voltage with a tight tolerance over the entire
current range while preventing shoot through on the output
stage.
The CM8563 integrates power MOSFETs that are capable of
source and sink 1.5A of current while maintaining excellent
voltage regulation. The output voltage can be regulated within
3% or less by using the external feedback. Separate voltage
supply inputs have been added to fit applications with various
power supplies for the databus and power buses.
Pin Description
VCCA & VIN
VCCA and VIN are the input supply pins for the CM8563.
VCCA is used to supply all the internal control circuitry for the
two op-amps and the output stage of VREF. VIN is used
exclusively to provide the rail voltage for the output stage on
the power operational amplifier used to the 2.5V rail for
optimal performance. This eliminates the need for bypassing
the two supply pins separately.
VDDQ
VDDQ is the input that is used to create the internal reference
voltage for regulating VOUT and VREF. This voltage is
generated by two internal 270kΩ resistors. This guarantees
that VOUT and VREF will track VDDQ/2 precisely.
VFB
The purpose of the VFB pin is to provide improved remote load
regulation. In most motherboard applications the termination
resistors will connect to VOUT in a long plane. If the output
voltage was regulated only at the output of the CM8563, then
the long trace will cause a significant IR drop, resulting in a
termination voltage lower at one end of the bus than the other.
The VFB pin can be used to improve this performance, by
connecting it to the middle of the bus. This will provide a better
distribution across the entire termination bus.
VREF
VREF provides the buffered output of the internal reference
voltage VDDQ/2. This output should be used to provide the
reference voltage of Northbridge chipset and memory.
VOUT
VOUT is the regulated output that is used to terminate the bus
resistors. It is capable of sinking and sourcing current while
regulating the output precisely to VDDQ/2. The CM8563 is
designed to handle peak transient currents of up to +/- 3A with a
fast transient response. The maximum continuous current is a
function of VIN. If a transient is expected to last above the
maximum continuous current rating for a significant amount of
time then the output capacitor should be sized large enough to
prevent an excessive voltage drop.
2003/03/28
Champion Microelectronic Corporation
Page 5


Similar Part No. - CM8563

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560GIN263 ETC1-CM8560GIN263 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560IN263 ETC1-CM8560IN263 Datasheet
193Kb / 5P
   3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results

Similar Description - CM8563

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
   Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com