Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3160EEVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3160EEVKIT
Description  3V to 5.5V Single-Supply Operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160EEVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3160EEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX3160EEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX3160EEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX3160EEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX3160EEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX3160EEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX3160EEVKIT Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAX3160E Evaluation Kit
2
_______________________________________________________________________________________
Quick Start
Recommended Equipment
3.3V, 0.5A DC power supply
Logic function generator
Oscilloscope
Procedure
The MAX3160E EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Verify that shunts are installed across pins 1-2 of
jumpers JU5, JU6, JU7, and JU8 (data communica-
tions equipment (DCE) mode).
2) Verify that a shunt is installed on jumpers JU3
(RS-232 mode) and JU4 (full-duplex mode).
3) Verify that shunts are not installed on jumpers JU1
(MAX3160E enabled), JU2 (fast mode), and JU9
and JU10 (RS-485/RS-422 differential I/O not termi-
nated).
4) Set the DC power supply output to 3.3V and disable
the output.
5) Set the logic function generator to a 3.3VP-P, 500kHz,
1.65VDC offset square wave and disable the output.
Terminate the function generator as needed.
6) Connect the DC power-supply positive output to the
VCC pad on the EV kit.
7) Connect the supply ground to the GND pad next to
VCC on the EV kit.
8) Connect the logic function generator output to the
DI/T1IN PCB pad and connect ground to the GND
PCB pad.
9) Enable the power-supply output and then the func-
tion generator output.
10) Use the oscilloscope to measure the transmitter out-
put Z(B)/T1OUT at pin 3 of jumper JU5. Verify that
the waveform is a 500kHz square wave and is
approximately ±5VP-P.
Detailed Description
The MAX3160E EV kit demonstrates the MAX3160E
RS-232/RS-485/RS-422 multiprotocol transceiver IC.
The EV kit operates from a 3V to 5.5VDC source capa-
ble of supplying 100mA.
The EV kit features jumpers to configure the communi-
cation protocol to RS-232 operation or RS-485/RS-422
operation. In RS-232 mode operation, the MAX3160E
communicates at data rates up to 1Mbps. In RS-485/
RS-422 mode operation, the differential driver and
receiver operate in full-duplex or half-duplex mode and
communicate at data rates up to 10Mbps. The
MAX3160E receiver represents a 1/8 unit load on the
RS-485/RS-422 bus. Resistors R5 and R6 provide a
configurable termination for the RS-485/RS-422 bus.
PCB pads and DB9 connector J1 are available for inter-
facing with an RS-232/RS-485/RS-422 serial line. See
Table 5 and Figures 1, 2, and 3 for the respective sig-
nal pins or pads.
Jumper Selection
The MAX3160E EV kit utilizes several jumpers to reconfig-
ure circuit features and functionality: IC enable, slew-rate
selection, communication-protocol selection, full-duplex/
half-duplex communication, DTE/DCE connections, and
RS-485/RS-422 differential I/O termination.
Enable
The MAX3160E EV kit features jumper JU1 to enable the
MAX3160E or place the IC in shutdown mode, thus
reducing quiescent current. A SHDN PCB pad is also pro-
vided for the shutdown signal to interface with an external
controller. See Table 1 for configuring jumper JU1.
Slew-Rate Selection
Jumper JU2 on the EV kit configures the MAX3160E
communication slew-rate mode. Slew-rate limited-mode
operation minimizes EMI radiation, while fast-mode
operation optimizes maximum data rates for either pro-
tocol. See Table 2 for configuring jumper JU2 and refer
to the MAX3160E IC data sheet for more information on
slew-rate configuration.
Table 2. Slew Rate (Jumper JU2)
SHUNT
POSITION
FAST PIN
EV KIT FUNCTION
Installed
Connected to
GND
Slew-rate limited mode.
RS-232/RS-485/RS-422
250kbps maximum data
rate
Not installed
Connected to
VCC through
resistor R2
Fast mode. RS-232 1Mbps
maximum data rate;
RS-485/RS-422 10Mbps
maximum data rate
Table 1. MAX3160E Enable (Jumper JU1)
SHUNT
POSITION
SHDN PIN
EV KIT FUNCTION
Installed
Connected to
GND
MAX3160E shutdown
Not installed
Connected to VCC
through resistor R1
MAX3160E enabled


Similar Part No. - MAX3160EEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160EEAP MAXIM-MAX3160EEAP Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
More results

Similar Description - MAX3160EEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3161EEVKIT MAXIM-MAX3161EEVKIT Datasheet
145Kb / 7P
   3V to 5.5V Single-Supply Operation
Rev 0; 4/07
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
   2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX5389EVKIT MAXIM-MAX5389EVKIT Datasheet
645Kb / 7P
   2.8V to 5.5V Single-Supply Operation
Rev 0; 4/10
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
   3.0V to 5.5V Single-Supply Operation
2009
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
   2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX1586AEVKIT MAXIM-MAX1586AEVKIT Datasheet
635Kb / 14P
   2.6V to 5.5V Single-Supply Operation
Rev 1; 1/07
MAX40007EVKIT MAXIM-MAX40007EVKIT Datasheet
830Kb / 7P
   1.7V to 5.5V Single-Supply Operation
Rev 0; 1/17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com