Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M63994P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M63994P
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M63994P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sep. 2000
APPLICATIONS
MOSFET and IGBT inverter module driver for refrigerator,
air-conditioner, washing machine, AC-servomotor and gen-
eral purpose.
FEATURES
¡FLOATING SUPPLY VOLTAGE ................................. 600V
¡OUTPUT CURRENT .............................................
±500mA
¡SINGLE INPUT TYPE
¡INTERNALLY SET DEADTIME
¡HALF BRIDGE DRIVER
¡UNDERVOLTAGE LOCKOUT
¡8 LEAD DIP/8 LEAD SOP
DESCRIPTION
M63994P/FP is high voltage Power MOSFET and IGBT
module driver for half bridge applications.
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
PACKAGE TYPE (8 Lead DIP/8 Lead SOP)
NC:NO CONNECTION
MITSUBISHI SEMICONDUCTORS <HVIC>
M63994P/FP
HIGH VOLTAGE HALF BRIDGE DRIVER
VCC
1
2
3
4
8
7
6
5
IN
GND
LO
VB
HO
VS
NC
VB
HO
VS
VCC
LO
GND
IN
S
R
VBS
UV
HV
LEVEL
SHIFT
INTER
LOCK
RQ
PULSE
GEN
DELAY
DEAD
TIME
S
VCC
UV
RQ
8P4
8P2S


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP5500High Voltage IC Half Bridge Gate Driver 1 2 3 4 5 MoreIntersil Corporation
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63991FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn