Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS70G Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS70G
Description  Filter specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70G Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS70G Datasheet HTML 1Page - Vectron International, Inc TFS70G Datasheet HTML 2Page - Vectron International, Inc TFS70G Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tfs70g.doc
version 1.0
06.01.02
______________________________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 70 G - Page 2 / 3
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
______________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
Construction, pin connection and 50
Ω matching network
(All dimensions in mm)
L3
TFS 70 G
Input GND
GND
GND
Output
Output GND
1
2
3
4
5
6
7
8
GND
GND
Input
L1 = 495 nH
L3 = 510 nH
L2 = 375 nH
L4 = 395 nH
Air reflow temperature conditions
1st and 2nd air reflow profile


Similar Part No. - TFS70G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS704A VECTRON-TFS704A Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS706 VECTRON-TFS706 Datasheet
232Kb / 5P
   Filter specification
TFS707 VECTRON-TFS707 Datasheet
213Kb / 5P
   Vectron International
TFS70AA VECTRON-TFS70AA Datasheet
95Kb / 5P
   Filter specification
TFS70AC VECTRON-TFS70AC Datasheet
135Kb / 5P
   Filter Specification
More results

Similar Description - TFS70G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com