Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS36D Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS36D
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS36D Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS36D Datasheet HTML 1Page - Vectron International, Inc TFS36D Datasheet HTML 2Page - Vectron International, Inc TFS36D Datasheet HTML 3Page - Vectron International, Inc TFS36D Datasheet HTML 4Page - Vectron International, Inc TFS36D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TFS 36D.doc
Version 1.3
20.09.2001
VI TELEFILTER
Filter Specification
TFS 36 D
5/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Stra
ße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
7. History :
Version Reason of Changes
Name
Date
1.0
- generate specification according to customer requirements.
Pfeiffer
14.06.2001
1.1
- amplitude ripple in passband added.
Pfeiffer
26.06.2001
- relative attenuation fN ± 2,60 MHz changed to max. 0,75 dB
1.2
- change operating temperature : from T = 40
°C to T = 45°C .
Dunzow W.
11.07.2001
- add amplitude ripple in any 1 MHz increment within 90% of the PB .
1.3
- change from development specification to filter specification.
Dunzow W.
20.09.2001
- add typical values.
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
E-Mail: vti@vtinh.com


Similar Part No. - TFS36D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS360A ETC-TFS360A Datasheet
54Kb / 5P
   TELEFILTER Filter Specification
logo
Vectron International, ...
TFS360A VECTRON-TFS360A Datasheet
58Kb / 5P
   Filter Specification
TFS360B VECTRON-TFS360B Datasheet
47Kb / 4P
   Filter Specification
TFS360C VECTRON-TFS360C Datasheet
55Kb / 4P
   SAW Filter Specification
logo
List of Unclassifed Man...
TFS360F ETC-TFS360F Datasheet
38Kb / 5P
   Filter Specification
More results

Similar Description - TFS36D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com