Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-751 Datasheet(PDF) 5 Page - Vectron International, Inc

Part No. VS-751
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

VS-751 Datasheet(HTML) 5 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
Typical Characteristics
y = 415.29x - 605.56
y = 398.69x - 578.48
-800
-600
-400
-200
0
200
400
600
800
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Control Voltage (V)
622 Vc Pull
644 Vc Pull
Linear (622 Vc Pull)
Linear (644 Vc Pull)
At Ambient (22.5 C)
Typical Gain Transfer @ 622.0800 = +415 ppm/V
Typical Gain Transfer @ 644.5313 = +399 ppm/V
-155
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
-95
10
100
1,000
10,000
100,000
Offset (kHz)
OC-192 Spec
F1 = 622
F2 = 644
1/f
3
1/f
2
1/f
1
OC-192 Spec Equivalent to
0.25 ps-rms @ 500 MHz
Typical Calculated Jitter @ Vc = 1.65V
SONET OC-48 (12kHz-20MHz) = 0.23 ps-rms; 1.61 ps-pp
SONET OC-192 (50kHz-80MHz) = 0.13 ps-rms; 0.91 ps-pp
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 5 of 7
Rev: 09Jan06


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VS-750DUAL FREQUENCY VCSO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M685DUAL SAW SELECTABLE FREQUENCY VCSO 1 2 3 4 5 MoreIntegrated Circuit Systems
VS-550DUAL FREQUENCY VCSO 1 2 3 4 5 MoreVectron International, Inc
M660DUAL SAW SELECTABLE FREQUENCY VCSO 1 Integrated Circuit Systems
M660-02DUAL SAW SELECTABLE FREQUENCY VCSO 1 2 3 4 Integrated Circuit Systems
EMX5High transition frequency dual transistors 1 2 Rohm
LMX1600PLLatinum™ Low Cost Dual Frequency Synthesizer 1 2 3 4 5 MoreNational Semiconductor (TI)
MB15F02SLDual Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreFujitsu Component Limited.
ICS82C404Dual Programmable Graphics Frequency Generator 1 2 3 4 5 MoreIntegrated Circuit Systems
LMX2330APLLatinum™ Dual Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn