Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO-502-BFD-LNN300 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # SO-502-BFD-LNN300
Description  SAW Based Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-502-BFD-LNN300 Datasheet(HTML) 5 Page - Vectron International, Inc

  SO-502-BFD-LNN300 Datasheet HTML 1Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 2Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 3Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 4Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 5Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 6Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 7Page - Vectron International, Inc SO-502-BFD-LNN300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SO-502 SAW Based Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
5
Rev: 06June05
Table 4. Pin Out – Sinewave Option
Pin
Symbol
Function
1
VC
N/C
2
-
N/C
3
VEE
Ground
4
Output
Sinewave Output
5
VCC
Vcc2
1
6
VCC
Vcc1
Table Notes:
1. If Vcc1 is +12V and a separate 5V is not applied to pin 5 then pin 5 must be connected through a 220Ώ 1/4W external resistor.
Suggested Output Load Configurations – SINEWAVE Operation
+5V
Vcc
0.01uF
0.01uF
27 Ώ
1/8 W
NC
NC
Output AC Coupled with
50 Ώ to ground
0.1uF
1
2
3
6
5
4
+12V
Vcc
0.01uF
0.01uF
220 Ώ
1/4W
NC
NC
Output AC Coupled with
50 Ώ to ground
0.1uF
1
2
3
6
5
4


Similar Part No. - SO-502-BFD-LNN300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SO-1021-7127 ETC2-SO-1021-7127 Datasheet
86Kb / 1P
   RELAY SOCKET 10 AMP
logo
Texas Instruments
SO-14 TI1-SO-14 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-14 ADMOS-SO-14 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
logo
Texas Instruments
SO-16 TI1-SO-16 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-16 ADMOS-SO-16 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
More results

Similar Description - SO-502-BFD-LNN300

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com