Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP829 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP829
Description  High Efficiency Voltage Inverters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP829 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP829 Datasheet HTML 7Page - Sipex Corporation SP829 Datasheet HTML 8Page - Sipex Corporation SP829 Datasheet HTML 9Page - Sipex Corporation SP829 Datasheet HTML 10Page - Sipex Corporation SP829 Datasheet HTML 11Page - Sipex Corporation SP829 Datasheet HTML 12Page - Sipex Corporation SP829 Datasheet HTML 13Page - Sipex Corporation SP829 Datasheet HTML 14Page - Sipex Corporation SP829 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
SP828DS/03
SP828/829 High Efficiency Voltage Inverters
© Copyright 1999 Sipex Corporation
Negative Voltage Converter
The typical operating circuit for the SP828/829
devices is a negative voltage converter. Refer to
Figure 19. This circuit is used to obtain the
Typical Performance Characteristics found in
Figures 1 to 18 (unless otherwise noted).
Voltage Inverter with the Load from
V
OUT to VIN
A designer can find the most common application
for the SP828/829 devices in Figure 20 as a
voltage inverter. The only external components
needed are 3 capacitors: the flying capacitor, C1,
the output capacitor, C2, and the bypass capacitor,
C3 (if necessary).
Driving Excessive Loads
The output should never be pulled above ground.
A designer should implement a Schottky diode
(1N5817) from OUT to GND when driving
heavy loads where a higher supply is sourcing
current into OUT. Refer to Figure 23 for this
circuit connection.
APPLICATION INFORMATION
For the following applications, C1 = C2 = 10
µF
for the SP828 and C1 = C2 = 3.3
µF for the
SP829.
Capacitor Selection
Low ESR capacitors are needed to obtain low
output resistance. Refer to Table 1 for some
suggested low ESR capacitors. The output
resistance of the SP828/829 devices is a function
of the ESR of C1 and C2. This output resistance
can be determined by the equation previously
provided in the Efficiency section:
R
OUT ≈ 4 x (2 x RSWITCHES + ESRC1) +
ESR
C2 +
1
fOSC x C1
,
where R
OUT is the circuit output resistance,
R
SWITCHES is the internal resistance of the MOSFET
switches, ESR
C1 and ESRC2 are the ESR of their
respective capacitors, and f
OSC is the oscillator
frequency. This term with f
OSC is derived from an
ideal switched-capacitor circuit as seen in
Figure 21.
Minimizing the ESR of C1 and C2 will minimize
the total output resistance and will improve the
efficiency.
Flying Capacitor
Decreasing flying capacitor, C1, values will
increase the output resistance of the SP828/829
devices while increasing C1 will reduce the
output resistance. There is a point where
increasing C1 will have a negligible effect on the
output resistance due to the the domination of the
output resistance by the internal MOSFET switch
resistance and the total capacitor ESR.
Output Capacitor
Increasing output capacitor, C2, values will
decrease the output ripple voltage. Reducing the
ESR of C2 will reduce both output ripple voltage
and output resistance. If higher output ripple can
be tolerated in designs, smaller capacitance values
for C2 should be used with light loads. The
following equation can be used to calculate the
peak-to-peak ripple voltage:
VRIPPLE = 2 x IOUT x ESRC2 +
IOUT
fOSC x C2 .
Input Bypass Capacitor
The bypass capacitor at the input pin will reduce
AC impedance and the impact of any of the
SP828/829 devices' switching noise. It is
recommended that for heavy loads a bypass
capacitor approximately equal to the flying
capacitor, C1, be used. For light loads, the value
of the bypass capacitor can be reduced.
When loading the SP828/829 devices from IN to
OUT, the input current remains constant
(disregarding any spikes due to internal
switching). Implementing a 0.1
µF bypass
capacitor should be sufficient.
When loading the SP828/829 devices from OUT
to GND, the current from the supply will flow
into the input for half of the cycle and will be zero
for the other half of the cycle. Designers should
implement a large bypass capacitor (C3 = C1)
if the supply has a high AC impedance.


Similar Part No. - SP829

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP820S SECOS-SP820S Datasheet
398Kb / 2P
   8.0AMP Schottky Barrier Rectifiers
logo
SamHop Microelectronics...
SP823C SAMHOP-SP823C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
SP8255 SAMHOP-SP8255 Datasheet
95Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
SP8256 SAMHOP-SP8256 Datasheet
106Kb / 7P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SP829

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
   Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
   Switched-Capacitor Voltage Inverters
2004
logo
New Jersey Semi-Conduct...
IR413 NJSEMI-IR413 Datasheet
474Kb / 2P
   High -voltage NPN silicon transistors designed for medium-to-high- voltage inverters
logo
Sangdest Microelectroni...
B5817W SMC-B5817W Datasheet
188Kb / 4P
   For use in low voltage, high frequency inverters
logo
SHIKUES Electronics
MBR120ESF SKTECHNOLGY-MBR120ESF Datasheet
799Kb / 2P
   For use in low voltage, high frequency inverters
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
   For use in low voltage, high frequency inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com