Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSC-3B2 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # OSC-3B2
Description  Ultra Miniature TCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OSC-3B2 Datasheet(HTML) 3 Page - Vectron International, Inc

  OSC-3B2 Datasheet HTML 1Page - Vectron International, Inc OSC-3B2 Datasheet HTML 2Page - Vectron International, Inc OSC-3B2 Datasheet HTML 3Page - Vectron International, Inc OSC-3B2 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OSC Series Ultra Miniature TCXO s
Vectron International
267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
Terminal #1
identifier
0.025 (0.7)
4 places
0.050 (1.3)
4 places
0.040 (1.2)
4 places
0.300
(7.62)
0.020
(0.5)
0.09
(2.2)
max
0.055 (1.4)
2 places
Frequency
adjust
access
0.47
(11.8)
max
0.39
(9.9)
max
1
2
3
4
1
2
3
4
1.9mm
8.4mm
1.9mm
Model OSC
Land Pattern
Convection Reflow Profile
warm-up
>30 sec.
pre-heating
50 to 90 sec at
reflow
20 to 40 soc
The OSC series of TCXO s and VCTCXO s has
been designed for pick and place and reflow sol-
dering. Units are available on
Tape and Reel at
no additional charge when ordering a complete
reel. The reel size is 2000 pcs and is compatible
with EIAJ-1009B standards. The suggested
reflow profile is shown below. The TCXO may be
reflowed two times. Frequency shift as a result of
reflow will be <1.0PPM. Units should not be
adjusted to center frequencies until at least 2
hours after reflow to allow the crystals to stabilize.
The OSC footprint is compatible with many of the
previous generation 6 pin leaded TCXO s. Our
OSE model is the same size as the OSC except it
provides the two additional pads to match pad con-
nections of 6 pin leaded TCXO s and VCTCXO s.
TCXO s are precision subsystems with tolerances
measured to
Non-hermeti-
cally sealed TCXO s should not be subjected to a
wash process that will immerse the TCXO in sol-
vents.
No clean is the recommended procedure.
PIN 1 = VC or N/C
PIN 2 = GROUND
PIN 3 = OUTPUT
PIN 4 = Supply
3


Similar Part No. - OSC-3B2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
OSC-0.3C ASI-OSC-0.3C Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-0.7L ASI-OSC-0.7L Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-03C ASI-OSC-03C Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-07L ASI-OSC-07L Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-1.3SH ASI-OSC-1.3SH Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - OSC-3B2

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX351 FOX-FOX351 Datasheet
519Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
logo
Connor-Winfield Corpora...
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
logo
Fox Electronics
FOX251 FOX-FOX251 Datasheet
352Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
Epson ToYoCom
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5021BA EPSONTOYOCOM-TG-5021BA Datasheet
414Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
logo
Fox Electronics
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com