Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2775126 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2775126
Description  Return busbar - RS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2775126 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2775126 Datasheet HTML 1Page - PHOENIX CONTACT 2775126 Datasheet HTML 2Page - PHOENIX CONTACT 2775126 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2775126
02/04/2022   Page 1 / 3
Return busbar - RS - 2775126
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Return busbar, color: silver
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918068462
Technical data
Technical data
Color
silver
Ambient conditions
Operating temperature
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (for a short time, not exceeding 24 h, -60 °C to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
27141190
eCl@ss 11.0
27141190


Similar Part No. - 2775126

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2775184 PHOENIX-2775184 Datasheet
133Kb / 5P
   UDK 4-PE
More results

Similar Description - 2775126

ManufacturerPart #DatasheetDescription
PANDUIT CORP.
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
   Grounding busbar
Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electron...
DW07 JAE-DW07 Datasheet
353Kb / 5P
   High-current Busbar Connector
HARTING Technology Group
HARTING Technology Grou...
09-93-001-0303 HARTING-09-93-001-0303 Datasheet
514Kb / 2P
   Han S-HBM w.MC black busbar
Weidmuller
Weidmuller
0316500000 WEIDMULLER-0316500000 Datasheet
58Kb / 2P
   Special terminal, special connections, Clamping yoke, Busbar
0502780000 WEIDMULLER-0502780000 Datasheet
48Kb / 1P
   Special terminal, special connections, PA, blue, Busbar
0266500000 WEIDMULLER-0266500000 Datasheet
58Kb / 2P
   Special terminal, special connections, Clamping yoke, Busbar
Exar Corporation
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
PHOENIX CONTACT
PHOENIX CONTACT
0402174 PHOENIX-0402174 Datasheet
53Kb / 3P
   Neutral busbar - NLS-CU 3/10 SN 1000MM
09/11/2020
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com