Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T1008U2C-RD10 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6T1008U2C-RD10
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008U2C-RD10 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6T1008U2C-RD10 Datasheet HTML 1Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 2Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 3Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 4Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 5Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 6Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 7Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 8Page - Samsung semiconductor K6T1008U2C-RD10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
4
CAPACITANCE1) (f=1MHz, TA=25
°C)
1
. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
6
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF
RECOMMENDED DC OPERATING CONDITIONS1)
1. Commercial Product: TA=0 to 70
°C, unless otherwise specified
Extended Product: TA=-25 to 85
°C, unless otherwise specified
Industrial Product: TA=-40 to 85
°C, unless otherwise specified
2. Overshoot: VCC+3.0V in case of pulse width
≤30ns
3. Undershoot: -3.0V in case of pulse width
≤30ns
4. Overshoot and undershoot is sampled, not 100% tested.
Item
Symbol
Product
Min
Typ
Max
Unit
Supply voltage
Vcc
K6T1008V2C Family
K6T1008U2C Family
3.0
2.7
3.3
3.0
3.6
3.3
V
Ground
Vss
All Family
0
0
0
V
Input high voltage
VIH
K6T1008V2C, K6T1008U2C Family
2.2
-
Vcc+0.32)
V
Input low voltage
VIL
K6T1008V2C, K6T1008U2C Family
-0.33)
-
0.6
V
DC AND OPERATING CHARACTERISTICS
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS1=VIH or CS2=VIL or OE=VIH or WE=VIL, VIO=Vss to Vcc
-1
-
1
µA
Operating power supply
ICC
IIO=0mA, CS1=VIL, CS2=VIH, VIN=VIL or VIH, Read
-
2
5
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS1
≤0.2V, CS2≥VCC-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
Read
-
1.5
5
mA
Write
10
15
ICC2
Cycle time=Min, 100% duty, IIO=0mA, CS1=VIL, CS2=VIH, VIN=VIL or VIH
-
25
35
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.2
-
-
V
Standby Current(TTL)
ISB
CS1=VIH, CS2=VIL, Other inputs=VIL or VIH
-
-
0.3
mA
Standby Current(CMOS)
ISB1
CS1
≥Vcc-0.2V, CS2≥Vcc-0.2V or CS2≤0.2V, Other inputs=0~Vcc
-
0.3
10
µA


Similar Part No. - K6T1008U2C-RD10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008U2C-RD10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com