Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T1008U2C-TD10 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6T1008U2C-TD10
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008U2C-TD10 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6T1008U2C-TD10 Datasheet HTML 1Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 2Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 3Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 4Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 5Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 6Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 7Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 8Page - Samsung semiconductor K6T1008U2C-TD10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
2
128K x8 bit Low Power and Low Voltage CMOS Static RAM
GENERAL DESCRIPTION
The K6T1008V2C and K6T1008U2C families are fabricated by
SAMSUNG
′s advanced CMOS process technology. The fami-
lies support various operating temperature ranges and have
various package types for user flexibility of system design. The
families also supports low data retention voltage for battery
back-up operation with low data retention current.
FEATURES
• Process Technology: 0.4µm CMOS
• Organization: 128K x8
• Power Supply Voltage:
K6T1008V2C family: 3.0~3.6V
K6T1008U2C family: 2.7~3.3V
• Low Data Retention Voltage: 2V(Min)
• Three state output and TTL Compatible
• Package Type: 32-SOP-525, 32-TSOP1-0820F/R,
32-TSOP1-0813.4F/R
Name
Function
CS1, CS2
Chip Select Inputs
OE
Output Enable Input
WE
Write Enable Input
A0~A16
Address Inputs
I/O1~I/O8
Data Inputs/Outputs
Vcc
Power
Vss
Ground
N.C
No Connection
PRODUCT FAMILY
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
K6T1008V2C-B
Commercial(0~70
°C)
3.0~3.6V
70/100ns
10
µA
35mA
32-SOP
32-TSOP1-F/R
32-sTSOP1-F/R
K6T1008U2C-B
2.7~3.3V
85/100ns
K6T1008V2C-D
Extended(-25~85
°C)
3.0~3.6V
70/100ns
K6T1008U2C-D
2.7~3.3V
85/100ns
K6T1008V2C-F
Industrial(-40~85
°C)
3.0~3.6V
70/100ns
K6T1008U2C-F
2.7~3.3V
85/100ns
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
32-TSOP
Type1-Reverse
A11
A9
A8
A13
WE
CS2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-STSOP
Type1-Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N.C
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
CS2
WE
A13
A8
A9
A11
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-SOP
A11
A9
A8
WE
A13
CS2
VCC
A15
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-TSOP
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
Precharge circuit.
Memory array
1024 rows
128
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
A10 A0
A1
A2
A3
A11
A9
I/O1
Data
cont
I/O8
VCC
VSS
A4
A5
A6
A7
A8
A12
A14
A13
A15
A16
CS1
WE
OE
Control
logic
CS2
32-STSOP


Similar Part No. - K6T1008U2C-TD10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008U2C-TD10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com